Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF6402B Datasheet(PDF) 26 Page - Microchip Technology

Part # SST38VF6402B
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B Datasheet(HTML) 26 Page - Microchip Technology

Back Button SST38VF6402B Datasheet HTML 22Page - Microchip Technology SST38VF6402B Datasheet HTML 23Page - Microchip Technology SST38VF6402B Datasheet HTML 24Page - Microchip Technology SST38VF6402B Datasheet HTML 25Page - Microchip Technology SST38VF6402B Datasheet HTML 26Page - Microchip Technology SST38VF6402B Datasheet HTML 27Page - Microchip Technology SST38VF6402B Datasheet HTML 28Page - Microchip Technology SST38VF6402B Datasheet HTML 29Page - Microchip Technology SST38VF6402B Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
DS20005002D-page 26
Preliminary
 2013 Microchip Technology Inc.
6.0
AC CHARACTERISTICS
TABLE 6-1:
READ CYCLE TIMING PARAMETERS VDD = 2.7-3.6V
Symbol
Parameter
Min
Max
Units
TRC
Read Cycle Time
70
ns
TCE
Chip Enable Access Time
70
ns
TAA
Address Access Time
70
ns
TPACC
Page Access Time
25
ns
TOE
Output Enable Access Time
25
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
ns
TOLZ1
OE# Low to Active Output
0
ns
TCHZ1
CE# High to High-Z Output
20
ns
TOHZ1
OE# High to High-Z Output
20
ns
TOH1
Output Hold from Address Change
0
ns
TRP1
RST# Pulse Width
500
ns
TRHR1
RST# High before Read
50
ns
TRYE1,2
2. This parameter applies to Block-Erase and Program operations.
This parameter does not apply to Chip-Erase operations.
RST# Pin Low to Read Mode
20
μs
TRY1
RST# Pin Low to Read Mode – not during Program
or Erase algorithms.
500
ns
TRPD1
RST# Input Low to Standby mode
20
μs
TRB1
RY / BY# Output high to CE# / OE# pin Low
0
ns
TPWD
Delay for each password check
1
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com