Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1270ALBVRCTR Datasheet(PDF) 39 Page - Microchip Technology

Part # TC1270ALBVRCTR
Description  Voltage Supervisor with Manual Reset Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270ALBVRCTR Datasheet(HTML) 39 Page - Microchip Technology

Back Button TC1270ALBVRCTR Datasheet HTML 34Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 35Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 36Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 37Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 38Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 39Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 40Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 41Page - Microchip Technology TC1270ALBVRCTR Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002035F-page 39
TC1270A/70AN/71A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1270A:
Voltage Supervisor with Manual Reset
TC1270AN:
Voltage Supervisor with Manual Reset
TC1271A:
Voltage Supervisor with Manual Reset
VTRIP Options:
R
S
T
M
L
= 2.55V (min.) / 2.63V (typ.) / 2.70V (max.)
= 2.85V (min.) / 2.93V (typ.) / 3.00V (max.)
= 3.00V (min.) / 3.08V (typ.) / 3.15V (max.)
= 4.25V (min.) / 4.38V (typ.) / 4.50V (max.)
= 4.50V (min.) / 4.63V (typ.) / 4.75V (max.)
Reset Delay (Time-Out)
Options:
<Blank>
A
B
= tRST = 280 ms (typ)
= tRST = 35 ms (typ)
= tRST = 2.19 ms (typ)
Temperature Range:
V
= –40°C to +125°C
Package:
CT
RC
= Plastic Small Outline Transistor, SOT-23, 5-Lead
= Plastic Small Outline Transistor, SOT-143,4-Lead
Tape and Reel Option: TR
= Tape and Reel(1)
Qualification:
<Blank>
VAO
= Standard Part
= Automotive AEC-Q100 Qualified
Examples:
a)
TC1270ALBVRCTR:
4.50V min./4.63V typ./4.75V max. voltage
trip point, Push-pull active-low Reset,
Reset Delay Timer = 2.19 ms,
–40°C to +125°C, 4-LD SOT-143, Tape and
Reel
b)
TC1270AMAVRCTR:
4.25V min./4.38V typ./4.50V max. voltage
trip point, Push-pull active-low Reset,
Reset Delay Timer = 35 ms,
–40°C to +125°C, 4-LD SOT-143,
Tape and Reel
c)
TC1270ANRBVCTTR:
2.55V min./2.63V typ./2.70V max. voltage
trip point, Open-drain active-low Reset,
Reset Delay Timer = 2.19 ms, –40°C to
+125°C, 5-Lead SOT-23, Tape and Reel
d)
TC1270ANLAVCTTR:
4.50V min./4.63V typ./4.75V max. voltage
trip point, Open-drain active-low Reset,
Reset Delay Timer = 35 ms, –40°C to
+125°C,
5-Lead SOT-23, Tape and Reel
e)
TC1270ANTVRCTR:
3.00V min./3.08V typ./3.15V max. voltage
trip point, Open-drain active-low Reset,
Reset Delay Timer = 280 ms,
–40°C to +125°C, 4-LD SOT-143,
Tape and Reel
f)
TC1271ATVRCTR:
3.00V min./3.08V typ./3.15V max. voltage
trip point, Push-pull active-high Reset,
Reset Delay Timer = 280 ms,
–40°C to +125°C, 4-LD SOT-143,
Tape and Reel
g)
TC1271AMAVRCTR:
4.25V min./4.38V typ./4.50V max. voltage
trip point, Push-pull active-high Reset,
Reset Delay Timer = 35 ms,
–40°C to +125°C, 4-LD SOT-143,
Tape and Reel
h)
TC1271ASBVCTTR:
2.85V min./2.93V typ./3.00V max. voltage
trip point, Push-pull active-high Reset,
Reset Delay Timer = 2.19 ms,
–40°C to +125°C, 5-LD SOT-23,
Tape and Reel
i)
TC1270ASBVCTTR:
2.85V min./2.93V typ./3.00V max. voltage
trip point, Push-pull active-low Reset,
Reset Delay Timer = 2.19 ms,
–40°C to +125°C, 5-LD SOT-23,
Tape and Reel
j)
TC1270ARVRCTR-VAO:
2.55V min./2.63V typ./2.70V max. voltage
trip point, Push-pull active-low Reset,
Reset Delay Timer = 280 ms,
–40°C to +125°C, 4-LD SOT-143,
Tape and Reel, Automotive Qualified
PART NO.
X
X
Temp.
VTRIP
Option
Device
Range
XX
Package
TR(1)
Tape and
[X]
Reset Delay
Option
-XXX
Qualification
Reel Option
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com