Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38VF6401B-I/TV Datasheet(PDF) 54 Page - Microchip Technology

Part # 38VF6401B-I/TV
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

38VF6401B-I/TV Datasheet(HTML) 54 Page - Microchip Technology

Back Button 38VF6401B-I/TV Datasheet HTML 48Page - Microchip Technology 38VF6401B-I/TV Datasheet HTML 49Page - Microchip Technology 38VF6401B-I/TV Datasheet HTML 50Page - Microchip Technology 38VF6401B-I/TV Datasheet HTML 51Page - Microchip Technology 38VF6401B-I/TV Datasheet HTML 52Page - Microchip Technology 38VF6401B-I/TV Datasheet HTML 53Page - Microchip Technology 38VF6401B-I/TV Datasheet HTML 54Page - Microchip Technology 38VF6401B-I/TV Datasheet HTML 55Page - Microchip Technology 38VF6401B-I/TV Datasheet HTML 56Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
DS20005002D-page 54
Preliminary
 2013 Microchip Technology Inc.
8.0
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
TABLE 8-1:
PART MARKING
Ordering Number
Marking On Part
SST38VF6401B-70I/TV
38VF6401B-I/TV
SST38VF6401B-70I/CD
38VF6401B-I/CD
SST38VF6402B-70I/TV
38VF6402B-I/TV
SST38VF6402B-70I/CD
38VF6402B-I/CD
SST38VF6403B-70I/TV
38VF6403B-I/TV
SST38VF6403B-70I/CD
38VF6403B-I/CD
SST38VF6404B-70I/TV
38VF6404B-I/TV
SST38VF6404B-70I/CD
38VF6404B-I/CD
PART NO.
XX
XXX
Package
Endurance/
Device
Device:
SST38VF6401B = 64 Mbit, 2.7-3.6V, Advanced Multi-
Purpose Flash Plus
Bottom Boot-Block Uniform (32 KWord)
SST38VF6402B = 64 Mbit, 2.7-3.6V, Advanced Multi-
Purpose Flash Plus
Top Boot-Block Uniform (32 KWord)
SST38VF6403B = 64 Mbit, 2.7-3.6V, Advanced Multi-
Purpose Flash Plus
Bottom Boot-Block Non- Uniform
(8 KWord)
SST38VF6404B = 64 Mbit, 2.7-3.6V, Advanced Multi-
Purpose Flash Plus
Top Boot-Block Non- Uniform
(8 KWord)
Tape and
Reel Flag:
T
= Tape and Reel
Read Access
Speed:
70
= 70 ns
Temperature:
I
= -40°C to +85°C
Package:
TV
= TSOP (12mm x 20mm), 48-lead
CD
= TFBGA (6mm x 8mm), 48-lead
Valid Combinations:
SST38VF6401B-70I/TV
SST38VF6401BT-70I/TV
SST38VF6401B-70I/CD
SST38VF6401BT-70I/CD
SST38VF6402B-70I/TV
SST38VF6402BT-70I/TV
SST38VF6402B-70I/CD
SST38VF6402BT-70I/CD
SST38VF6403B-70I/TV
SST38VF6403BT-70I/TV
SST38VF6403B-70I/CD
SST38VF6403BT-70I/CD
SST38VF6404B-70I/TV
SST38VF6404BT-70I/TV
SST38VF6404B-70I/CD
SST38VF6404BT-70I/CD
XXX
Read
Temperature
X
Tape/Reel
Indicator
Access
Speed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com