Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38VF6401B-I/CD Datasheet(PDF) 5 Page - Microchip Technology

Part # 38VF6401B-I/CD
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

38VF6401B-I/CD Datasheet(HTML) 5 Page - Microchip Technology

  38VF6401B-I/CD Datasheet HTML 1Page - Microchip Technology 38VF6401B-I/CD Datasheet HTML 2Page - Microchip Technology 38VF6401B-I/CD Datasheet HTML 3Page - Microchip Technology 38VF6401B-I/CD Datasheet HTML 4Page - Microchip Technology 38VF6401B-I/CD Datasheet HTML 5Page - Microchip Technology 38VF6401B-I/CD Datasheet HTML 6Page - Microchip Technology 38VF6401B-I/CD Datasheet HTML 7Page - Microchip Technology 38VF6401B-I/CD Datasheet HTML 8Page - Microchip Technology 38VF6401B-I/CD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS20005002D-page 5
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
TABLE 2-1:
PIN DESCRIPTION
Symbol
Pin Name
Functions
AMS1-A0
Address Inputs
To provide memory addresses.
During Block-Erase AMS-A15 address lines will select the block.
DQ15-DQ0
Data Input/output To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
WP#
Write Protect
To protect the top/bottom boot block from Erase/Program operation when
grounded.
RY/BY#
Ready/Busy
To indicate when the device is actively programming or erasing.
RST#
Reset
To reset and return the device to Read mode.
CE#
Chip Enable
To activate the device when CE# is low.
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.
VDD
Power Supply
To provide power supply voltage: 2.7-3.6V
VSS
Ground
NC
No Connection
Unconnected pins.
1. AMS = Most significant address
AMS =A21 for SST38VF6401B/6402B/6403B/6404B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com