Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38VF6402B-I/CD Datasheet(PDF) 13 Page - Microchip Technology

Part # 38VF6402B-I/CD
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

38VF6402B-I/CD Datasheet(HTML) 13 Page - Microchip Technology

Back Button 38VF6402B-I/CD Datasheet HTML 9Page - Microchip Technology 38VF6402B-I/CD Datasheet HTML 10Page - Microchip Technology 38VF6402B-I/CD Datasheet HTML 11Page - Microchip Technology 38VF6402B-I/CD Datasheet HTML 12Page - Microchip Technology 38VF6402B-I/CD Datasheet HTML 13Page - Microchip Technology 38VF6402B-I/CD Datasheet HTML 14Page - Microchip Technology 38VF6402B-I/CD Datasheet HTML 15Page - Microchip Technology 38VF6402B-I/CD Datasheet HTML 16Page - Microchip Technology 38VF6402B-I/CD Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS20005002D-page 13
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
Program and Erase operations are prevented on the
Boot Block when WP# is low. If WP# is left floating, it is
internally held high via a pull-up resistor. When WP# is
high, the Boot Block is unprotected, which allows Pro-
gram and Erase operations on that area.
4.9.3
HARDWARE RESET (RST#)
The RST# pin provides a hardware method of resetting
the device to read array data. When the RST# pin is
held low for at least TRP, any in-progress operation will
terminate and return to Read mode. When no internal
Program/Erase operation is in progress, a minimum
period of TRHR is required after RST# is driven high
before a valid Read can take place. See Figure 6-15 for
more information.
The interrupted Erase or Program operation must be
re-initiated after the device resumes normal operation
mode to ensure data integrity.
4.9.4
SOFTWARE DATA PROTECTION (SDP)
The
SST38VF6401B/6402B/6403B/6404B
devices
implement the JEDEC approved Software Data Protec-
tion (SDP) scheme for all data alteration operations,
such as Program and Erase. These devices are
shipped with the Software Data Protection permanently
enabled. See Table 5-2 for the specific software com-
mand codes.
All Program operations require the inclusion of the
three-byte sequence. The three-byte load sequence is
used to initiate the Program operation, providing opti-
mal protection from inadvertent Write operations. SDP
for Erase operations is similar to Program, but a six-
byte load sequence is required for Erase operations.
During SDP command sequence, invalid commands
will abort the device to read mode within TRC. The con-
tents of DQ15-DQ8 can be VIL or VIH, but no other
value, during any SDP command sequence.
The SST38VF6401B/6402B/6403B/6404B devices
provide Bypass Mode, which allows for reduced Pro-
gram and Erase command sequence lengths. In this
mode, the SDP portion of Program and Erase com-
mand sequences are omitted. See “Bypass Mode” on
page 14 for further details.
4.10
Common Flash Memory Interface
(CFI)
The SST38VF6401B/6402B/6403B/6404B contain Com-
mon Flash Memory Interface (CFI) information that
describes the characteristics of the device. In order to
enter the CFI Query mode, the system can write a one-
byte sequence using a standard CFI Query Entry com-
mand. Once the device enters the CFI Query mode, the
system can read CFI data at the addresses given in
Tables 5-4 through 5-7.
The system must write the CFI Exit command to return
to Read mode. Note that the CFI Exit command is
ignored during an internal Program or Erase operation.
See Table 5-2 for software command codes, Figures 6-
12 and 6-14 for timing waveform, and Figures 6-22 and
6-23 for flowcharts.
4.11
Product Identification
The Product Identification mode identifies the devices
as
the
SST38VF6401B,
SST38VF6402B,
SST38VF6403B, or SST38VF6404B, and the manu-
facturer as Microchip. See Table 4-3 for specific
address and data information. Product Identification
mode is accessed through software operations. The
software Product Identification operations identify the
part, and can be useful when using multiple manufac-
turers in the same socket. For details, see Table 5-2 for
software operation, Figure 6-11 for the software ID
Entry and Read timing diagram, and Figure 6-22 for the
software ID Entry command sequence flowchart.
While in Product Identification mode, the Read Block
Protection Status command determines if a block is
protected. The status returned indicates if the block has
been protected, but does not differentiate between Vol-
atile Block Protection and Non-Volatile Block Protec-
tion. See Table 5-2 for further details.
The Read-Irreversible Block-Lock Status command
indicates if the Irreversible Block Command has been
issued. If DQ0 = 0, then the Irreversible Lock command
has been previously issued.
In order to return to the standard Read mode, the soft-
ware Product Identification mode must be exited. The
exit is accomplished by issuing the software ID Exit
command sequence, which returns the device to the
Read mode. See Table 5-2 for software command
codes, Figure 6-14 for timing waveform, and Figures 6-
22 and 6-23 for flowcharts.
4.12
Security ID
The SST38VF6401B/6402B/6403B/6404B devices offer
a Security ID feature. The Secure ID space is divided
into two segments — one factory programmed 128 bit
segment and one user programmable 248 word seg-
ment. See Table 4-4 for address information. The first
segment is programmed and locked at Microchip and
TABLE 4-3:
PRODUCT IDENTIFICATION
Add Data
Add Data
Add Data
Manufacturer’s ID 00H
BFH
Device ID
SST38VF6401B
01H 227EH 0EH 220CH 0FH 2200H
SST38VF6402B 01H 227EH 0EH 220CH 0FH 2201H
SST38VF6403B 01H 227EH 0EH 2210H 0FH 2200H
SST38VF6404B 01H 227EH 0EH 2210H 0FH 2201H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com