Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1412L-TN3-E-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SB1412L-TN3-E-R
Description  HIGH VOLTAGE SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB1412L-TN3-E-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SB1412L-TN3-E-R Datasheet HTML 1Page - Unisonic Technologies 2SB1412L-TN3-E-R Datasheet HTML 2Page - Unisonic Technologies 2SB1412L-TN3-E-R Datasheet HTML 3Page - Unisonic Technologies 2SB1412L-TN3-E-R Datasheet HTML 4Page - Unisonic Technologies 2SB1412L-TN3-E-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SB1412
PNP EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R209-021,A
HIGH VOLTAGE SWITCHING
TRANSISTOR
DESCRIPTION
The UTC 2SB1412 is an epitaxial planar type PNP silicon
transistor.
FEATURES
*Excellent DC current gain characteristics
*Low VCE(SAT)
VCE(SAT)= -0.35V (Typ)
(IC/IB = -4A/-0.1A)
1
TO-252
*Pb-free plating product number:2SB1412L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SB1412-TN3-F-R
2SB1412L-TN3-F-R
TO-252
B
C
E
Tape Reel
2SB1412L-TN3-F-R
(1)Packing Type
(3)Package Type
(4)Lead Plating
(2)Pin Assignment
(1) R: Tape Reel
(2) refer to Pin Assignment
(3) TN3: TO-252
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 2SB1412L-TN3-E-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB1412L-X-TN3-R UTC-2SB1412L-X-TN3-R Datasheet
174Kb / 5P
HIGH VOLTAGE SWITCHING TRANSISTOR
2SB1412L-X-TN3-R UTC-2SB1412L-X-TN3-R Datasheet
192Kb / 5P
HIGH VOLTAGE SWITCHING TRANSISTOR
2SB1412L-X-TN3-T UTC-2SB1412L-X-TN3-T Datasheet
192Kb / 5P
HIGH VOLTAGE SWITCHING TRANSISTOR
More results

Similar Description - 2SB1412L-TN3-E-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N5551 UTC-2N5551 Datasheet
53Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5401 UTC-PZT5401 Datasheet
52Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1759 KEXIN-2SA1759 Datasheet
52Kb / 2P
High-Voltage Switching Transistor
logo
Unisonic Technologies
2N5551 UTC-2N5551_10 Datasheet
175Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401 Datasheet
110Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMBT5401 UTC-MMBT5401_15 Datasheet
116Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5401 UTC-PZT5401_15 Datasheet
103Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551 UTC-PZT5551_15 Datasheet
199Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401_15 Datasheet
106Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
ARTSCHIP ELECTRONICS CO...
MMBT5551 ARTSCHIP-MMBT5551 Datasheet
1Mb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com