Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2712L-X-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC2712L-X-AE3-R
Description  AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2712L-X-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC2712L-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SC2712L-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SC2712L-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2SC2712L-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC2712
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-029.B
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
150
mA
Base Current
IB
30
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
TJ
+125
Storage Temperature
TSTG
-55 ~ +125
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-off Current
ICBO
VCB=60V, IE=0
0.1
µA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
0.1
µA
DC Current Gain
hFE
VCE=6V, IC=2mA
70
700
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=100mA, IB=10mA
0.1
0.25
V
Transistor Frequency
fT
VCE=10V, IC=1mA
80
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
2.0
3.5
pF
Noise Figure
NF
VCE=6V, IC=0.1mA
f=1kHz, Rg=10KΩ
1.0
10
dB
CLASSIFICATION OF hFE
RANK
O
Y
G
L
RANGE
70~140
120~240
200~400
350~700



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com