Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2712-L-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC2712-L-AE3-R
Description  AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2712-L-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC2712-L-AE3-R Datasheet HTML 1Page - Unisonic Technologies 2SC2712-L-AE3-R Datasheet HTML 2Page - Unisonic Technologies 2SC2712-L-AE3-R Datasheet HTML 3Page - Unisonic Technologies 2SC2712-L-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC2712
NPN SILICON TRANSISTOR
14www.unisonic.com.tw
1 of 4
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R206-029.B
AUDIO FREQUENCY
AMPLIFIER NPN TRANSISTOR
FEATURES
* High Voltage and High Current
: VCEO=50V, IC=150mA (Max.)
* Excellent hFE Linearity
: hFE(IC=0.1mA)/hFE(IC=2mA)=0.95(Typ.)
* High hFE
* Low Noise
SOT-23
1
3
2
*Pb-free plating product number: 2SC2712L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SC2712-x-AE3-R
2SC2712L-x-AE3-R
SOT-23
E
B
C
Tape Reel
2SC2712L-x-AE3-R
(1)Packing Type
(2)Package Type
(3)Rank
(4)Lead Plating
(1) R: Tape Reel
(2) AE3: SOT-23
(3) x: refer to Classification of hFE
(4) L: Lead Free Plating, Blank: Pb/Sn
MARKING
LO
LY
LG
LL
2SC2712-O
2SC2712-Y
2SC2712-G
2SC2712-L
: Lead Plating


Similar Part No. - 2SC2712-L-AE3-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2712-L-HF KEXIN-2SC2712-L-HF Datasheet
1Mb / 2P
NPN Transistors
More results

Similar Description - 2SC2712-L-AE3-R

ManufacturerPart #DatasheetDescription
logo
NEC
2SD2228 NEC-2SD2228 Datasheet
279Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR AUDIO FREQUENCY AMPLIFIER
logo
Unisonic Technologies
UTC2SC1815 UTC-UTC2SC1815 Datasheet
61Kb / 2P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
logo
Samsung semiconductor
KSC2002 SAMSUNG-KSC2002 Datasheet
109Kb / 3P
NPN AUDIO FREQUENCY AMPLIFIER)
KSC2785 SAMSUNG-KSC2785 Datasheet
79Kb / 2P
NPN (AUDIO FREQUENCY AMPLIFIER)
logo
Unisonic Technologies
2SC1815 UTC-2SC1815_05 Datasheet
165Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
KSC945 UTC-KSC945 Datasheet
75Kb / 2P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC945 UTC-2SC945_09 Datasheet
186Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC1815 UTC-2SC1815_11 Datasheet
215Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
2SC2712 UTC-2SC2712_09 Datasheet
206Kb / 4P
AUDIO FREQUENCY AMPLIFIER NPN TRANSISTOR
MMBT945 UTC-MMBT945 Datasheet
185Kb / 4P
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com