Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1419087 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1419087
Description  SAC-3P- 2,0-961/M12FR VA - Bus system cable
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1419087 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1419087 Datasheet HTML 1Page - PHOENIX CONTACT 1419087 Datasheet HTML 2Page - PHOENIX CONTACT 1419087 Datasheet HTML 3Page - PHOENIX CONTACT 1419087 Datasheet HTML 4Page - PHOENIX CONTACT 1419087 Datasheet HTML 5Page - PHOENIX CONTACT 1419087 Datasheet HTML 6Page - PHOENIX CONTACT 1419087 Datasheet HTML 7Page - PHOENIX CONTACT 1419087 Datasheet HTML 8Page - PHOENIX CONTACT 1419087 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical data
Notes
General
For applications in circuits of intrinsic safety protection type "i".
Electrical values following EN 60079-14.
Product properties
Product type
Data cable preassembled
Sensor type
PROFIBUS PA
Number of positions
3
Application
Process technology
No. of cable outlets
1
Shielded
yes
Coding
B
Insulation characteristics
Overvoltage category
II
Degree of pollution
3
Interfaces
Bus system
PROFIBUS PA
Signal type/category
PROFIBUS PA, 31.25 kbps
Signaling
Status display
No
Status display present
No
Electrical properties
Contact resistance
≤ 5 mΩ
48 V AC
Nominal voltage UN
60 V DC
Nominal current IN
4 A
Transmission medium
Copper
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
≥ 100
Material specifications
Flammability rating according to UL 94
HB
Seal material
NBR
Connection data
Pin assignment
SAC-3P- 2,0-961/M12FR VA - Bus system cable
1419087
https://www.phoenixcontact.com/us/products/1419087
Oct 10, 2023, 5:53 AM
Page 2 (17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com