Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3648 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC3648
Description  HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3648 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC3648 Datasheet HTML 1Page - Unisonic Technologies 2SC3648 Datasheet HTML 2Page - Unisonic Technologies 2SC3648 Datasheet HTML 3Page - Unisonic Technologies 2SC3648 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC3648
NPN EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3
www.unisonic.com.tw
QW-R208-038,A
■
TYPICAL CHARACTERICS
0
Collector to Emitter Voltage, VCE (mV)
IC -VCE
1000
200
400
600
800
0
100
30mA
40mA
20mA
100mA
90mA
60mA
200
300
400
500
600
700
800
80mA
70mA
10mA
50mA
IB=0
0
Collector to Emitter Voltage, VCE (V)
IC -VCE
10
0
200
400
600
1000
800
0.5mA
IB=0
1.5mA
2.0mA
2.5mA
3.0mA
3.5mA
4.0mA
20
30
40
50
60
70
80
1.0mA
0
Base to Emitter Voltage, VBE (V)
IC -VBE
0.2
0
200
400
600
1000
800
0.4
0.6
0.8
1.0
1.2
VCE = 5V
10
Collector Current, IC (mA)
hFE -IC
100
3
55
23
100
77
3
5
7
10
2
3
5 7
1000
2
VCE=2V
2
3
5
7
2
3
5
7
1000
VCE=5V
VCE=10V
Pulse
10
Collector Current, IC (mA)
VCE(sat) -IC
2
100
35
5
23
1.0
77
3
5
7
0.1
23
5 7
1000
2
IC/IB=10
2
3
5
7
2
3
5
7
10
1.0
Collector to Base Voltage, VCB (V)
Cob -VCB
10
5
23
100
7
1.0
23
5
7
100
2
3
5
7
2
10
2
3
5
7
F= 1MHZ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com