Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3648-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3648-AB3-R
Description  HIGH-VOLTAGE SWITCHING PREDRIVER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3648-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3648-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SC3648-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SC3648-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SC3648-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3648
NPN EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2
www.unisonic.com.tw
QW-R208-038,A
ABSOLUATE MAXIUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
180
V
Collector to Emitter Voltage
VCEO
160
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
0.7
A
Collector Current (Pulse)
ICP
1.5
A
PC (Mounted on ceramic
board 250mm
2 ×0.8mm)
1.3
W
Collector Dissipation
PC
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
C-E Saturation Voltage
VCE(sat)
IC =250mA, IB =25mA
0.12
0.4
V
B-E Saturation Voltage
VBE(sat)
IC =250mA, IB =25mA
0.85
1.2
V
C-B Breakdown Voltage
V(BR)CBO
IC =10µA, IE =0
180
V
C-E Breakdown Voltage
V(BR)CEO
IC =1, RBE =∞
160
V
E-B Breakdown Voltage
V(BR)EBO
IE =10µA, IC=0
6
V
Collector Cutoff Curent
ICBO
VCB =120V, IE =0
0.1
µA
Emitter Cutoff Curent
IEBO
VEB =4V, IC =0
0.1
µA
Output Capacitance
Cob
VCB =10V, f =1MHz
8
pF
DC Current Gain
hFE 1
hFE 2
VCE =5V, IC =100mA
VCE =5V, IC =10mA
100
90
400
Turn-on Time
tON
See specified Test circuit
50
ns
Storage Time
tSTG
See specified Test circuit
1000
ns
Fall Time
tF
See specified Test circuit
60
ns
Gain-Bandwidth Product
fT
VCE =5V, IC =50mA
120
MHz
■
CLASSIFICATION OF hFE 1
RANK
R
S
T
RANGE
100 ~ 200
140 ~ 280
200 ~ 400
■
SWITCHING TIME TEST CIRCUIT
PW=20μS
DC≤1%
IB1
RB
IB2
VR
50
+
100μ
-5V
INPUT
20IB1= -20IB2=IC=300mA
Unit (Resistance:Ω, Capacitance:F )
470μ
+
100V
333



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com