Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3834 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3834
Description  SWITCH NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3834 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3834 Datasheet HTML 1Page - Unisonic Technologies 2SC3834 Datasheet HTML 2Page - Unisonic Technologies 2SC3834 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SC3834
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R203-026,A
ELECTRICAL CHARACTERISTICS CURVES
Ic-VCE Characteristics(Typical)
01
2
3
4
1
2
3
4
5
6
7
0
0.005 0.01
0.05 0.1
0.5
1
0
1
2
0
0.5
1.0 1.1
0
1
2
3
4
5
6
7
0.0
2
0.
1
0.5
1
5 7
20
50
100
200
20
50
100
300
0.01
0.05 0.1
1
0.5
5
7
0
2
20
30
40
50
0
25
50
75
100
125
150
10
0.05
0.1
0.5
1
5
10
20
5
200
10
50
120
0
10
20
30
-0.01
-0.05 -0.1
-0.5
-1
-5
1
10
100
1000
0.3
0.5
1
4
VCE(sat)-IB Characteristics (Typical)
IC-VBE Temperature
Characteristics (Typical)
HFE-IC Characteristics (Typical)
HFE-Ic Temperature
Characteristics (Typical)
θj-a–t Characteristics
Collector-Emitter Voltage VCE(V)
Base-Emittor Voltage VBE(V)
Base Current IB(A)
Time t(ms)
Collector Current IC(A)
Collector Current IC(A)
fT–IE Characteristics (Typical)
Safe Operating Area (Single Pulse)
Pc–Ta Derating
Emitter Current IE(A)
Collect-Emitter Voltage VcE(V)
Ambient Temperature Ta(℃)
200m
A
150m
A
60mA
100m
A
40mA
IB=10mA
20mA
VCE=4V
Typ
125℃
-30℃
25℃
100m
s
Without Healstink
Natural Cooling
VCE=12V
WithoutHeatsink
VCE=4V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com