Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2290A Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC2290A
Description  2~30MHz SSB LINEAR POWER AMPLIFIER APPLICATIONS (LOW SUPPLY VOLTAGE USE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2290A Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC2290A Datasheet HTML 1Page - Toshiba Semiconductor 2SC2290A Datasheet HTML 2Page - Toshiba Semiconductor 2SC2290A Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2290A
ELECTRICAL CHARACTERISTICS (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
V (BR) CEO
IC = 100mA, IB = 0
18
—
—
V
Collector-Emitter Breakdown Voltage
V (BR) CES
IC = 100mA, VEB = 0
45
—
—
V
Emitter-Base Breakdown Voltage
V (BR) EBO
IE = 1mA, IC = 0
4
—
—
V
DC Current Gain
hFE
VCE = 5V, IC = 10A *
10
—
150
—
Collector Output Capacitance
Cob
VCB = 12.5V, IE = 0
f = 1MHz
—
—
500
pF
Power Gain
Gp
11.8
13.8
—
dB
Input Power
Pi
—
2.5
4
WPEP
Collector Efficiency
ηC
35
—
—
%
Intermodulation Distortion
IMD
VCC = 12.5V, f1 = 28.000MHz,
f2 = 28.001MHz
Iidle = 50mA
Po = 60WPEP (Fig.)
—
—
−30
dB
Series Equivalent Input Impedance
Zin
—
1.02
−j0.17
—
Ω
Series Equivalent Output Impedance
Zout
VCC = 12.5V, f1 = 28.000MHz,
f2 = 28.001MHz
Po = 60WPEP
—
0.86
−j0.21
—
Ω
* Pulse Test:
Pulse Width ≤ 100µs, Duty Cycle ≤ 3%
RESTRICTIONS ON PRODUCT USE
030619EAA
• The information contained herein is subject to change without notice.
•
•
•
•
The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of
TOSHIBA or others.
TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc..
The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this
document shall be made at the customer’s own risk.
TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced
and sold, under any law and regulations.
2
2005-03-09



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com