Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1609 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD1609
Description  NPN EPITAXIAL PLANAR TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1609 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD1609 Datasheet HTML 1Page - Unisonic Technologies 2SD1609 Datasheet HTML 2Page - Unisonic Technologies 2SD1609 Datasheet HTML 3Page - Unisonic Technologies 2SD1609 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC 2SD1609 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R204-008,A
0.1
1
10
100
1000
1000
10
Collector Current (mA)
Current Gain & Collector Current
1
10
Reverse Biased Voltage(V)
Capacitance& Reverse-Biased Voltage
10
100
1000
100
110
1000
Collector Current(mA)
Saturation Voltage &Collector Current
VCE =5V
100
VCE(sat) @Ic=10IB
0.1
1
10
100
1000
10000
100
Collector Current (mA)
On Voltage & Collector Current
10
1000
1000
100
110
1000
Collector Current(mA)
Cutoff Frequency &Collector Current
100
VBE(on) @VcE=5V
VCE =5V
1
10
100
1000
Cob
0.1
10
1000
100
110
1000
Forward Voltage (V)
Safe Operating Area
100
10000
PT =1ms
PT =100ms
PT =1s
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com