Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB649L-D-T92-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SB649L-D-T92-R
Description  BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB649L-D-T92-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SB649L-D-T92-R Datasheet HTML 1Page - Unisonic Technologies 2SB649L-D-T92-R Datasheet HTML 2Page - Unisonic Technologies 2SB649L-D-T92-R Datasheet HTML 3Page - Unisonic Technologies 2SB649L-D-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SB649/A
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R204-006,D
TYPICAL CHARACTERISTICS
IB=0
-0.5mA
-1.0
-1.5
-2.0
-2
.5
-3.
0
-3.
5
-4
.0
TC=25℃
0
-10
-20
-30
-40
-50
0.2
0.4
0.6
0.8
1.0
Typical Output Characteristecs
Collector to Emitter Voltage, VCE (V)
Base to Emitter Voltage, VBE (V)
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1
-10
-100
-500
VCE=-5V
Typical Transfer Characteristics
25℃
-25
℃
1
50
100
150
200
250
300
-1
-10
-100
-1,000
Collector Current, IC (mA)
DC Current Transfer Ratio
vs. Collector Current
Collector to Emitter Saturation Voltage
vs. Collector Current
-1
-10
-100
-1,000
Collector Current, IC (mA)
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
T C
=7
5℃
IC=10 IB
-25
350
VCE=-5V
Ta=
75℃
TC=-
25℃
IC=10IB
25
75
1
3
10
30
100 300 1,000
0
0.2
0.4
0.6
0.8
1.0
1.2
CollectorCurrent, IC (mA)
Base to Emitter Saturation Voltage
vs. Collector Current
10
30
100
300
1,000
Collector Current, IC (mA)
0
40
80
120
160
200
240
Gain Bandwidth Product
vs. Collector Current
VCE=5V
Ta=25℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com