Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2904W Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM2904W
Description  Low power dual operational amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904W Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM2904W_06 Datasheet HTML 3Page - STMicroelectronics LM2904W_06 Datasheet HTML 4Page - STMicroelectronics LM2904W_06 Datasheet HTML 5Page - STMicroelectronics LM2904W_06 Datasheet HTML 6Page - STMicroelectronics LM2904W_06 Datasheet HTML 7Page - STMicroelectronics LM2904W_06 Datasheet HTML 8Page - STMicroelectronics LM2904W_06 Datasheet HTML 9Page - STMicroelectronics LM2904W_06 Datasheet HTML 10Page - STMicroelectronics LM2904W_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
LM2904W
Electrical characteristics
7/19
THD
Total harmonic distortion
f = 1kHz, AV = 20dB, RL = 2kΩ,
Vo = 2Vpp, CL = 100pF, Vcc = 30V
0.02
%
DVio
Input offset voltage drift
7
30
µV/°C
DIio
Input offset current drift
10
300
pA/°C
VO1/VO2 Channel separation
(4)
1kHz
≤ f ≤ 20kHz
120
dB
1.
VO = 1.4V, RS = 0Ω, 5V < VCC
+ < 30V, 0V < V
ic < VCC
+ - 1.5V
2.
The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output,
so there is no change in the loading charge on the input lines.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V. The
upper end of the common-mode voltage range is VCC
+ –1.5V, but either or both inputs can go to +32V without damage.
4.
Due to the proximity of external components, ensure that stray capacitance between these external parts does not cause
coupling. Typically, this can be detected because this type of capacitance increases at higher frequencies.
Table 3.
VCC
+ = 5V, V
CC
- = Ground, V
O = 1.4V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com