Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A4533L-SM2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # A4533L-SM2-R
Description  LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A4533L-SM2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  A4533L-SM2-R Datasheet HTML 1Page - Unisonic Technologies A4533L-SM2-R Datasheet HTML 2Page - Unisonic Technologies A4533L-SM2-R Datasheet HTML 3Page - Unisonic Technologies A4533L-SM2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A4533
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R121-017,A
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
4.5
V
Power Dissipation
PD
300
mW
Junction Temperature
TJ
125
℃
Operating Temperature
TOPR
0 ~ +70
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃ ~ 70℃ operating temperature range
and assured by design from –20℃ ~ 85℃.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
3
V
Operating Voltage Range
VOPR
1.6 ~ 4
V
Load Resistance
RL
16 ~ 32
Ω
ELECTRICAL CHARACTERIS (Ta = 25°C, RL=16Ω, Rg=600Ω, Unless Otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP MAX UNIT
IQ1
VCC=2.4V
5.4
10
mA
IQ2
VCC=4.5V, Mute =GND
1.1
2.0
mA
Quiescent Current
IQ3
VCC=4.5V, PS = GND
1.0
µA
GV1
VCC=2.4V, f=1kHz, VOUT=–10dBm
30
32
34
dB
Voltage Gain
GV2
VCC=1.6V, f=1kHz, VOUT=–20dBm
29
32
34
dB
∆GV1
VCC=2.4V, f=1kHz, VOUT=–10dBm
1.0
dB
Voltage Gain Difference
∆GV2
VCC=1.6V, f=1kHz, VOUT=–20dBm
1.0
dB
Total Harmonic Distortion
THD
VCC=2.0V, f=1kHz, POUT=1mW
0.5
1.5
%
Output Power
POUT
VCC=3.0V, f=1kHz, THD=10%
20
40
mW
Cross Talk
CT
VCC=2.4V, f=100Hz, Rg=1kW,
VOUT=–10dB
40
50
dB
Ripple Rejection
RR
VCC=1.6V, f=100Hz, Rg=1kΩ,
VR=–20dBm, BPF=100Hz
45
60
dB
Output Noise Voltage
eN
VCC=4.5V, Rg=1kΩ,BPF=20Hz ~ 20kHz
62
100
µV
Power Off Effect
VO(OFF)
VCC=1.6V, f=100Hz, PS = GND,
VIN=–10dB
-80
dB
Muting Effect
VO(MT)
VCC=1.6V, f=100Hz, Mute = GND,
VIN=–10dB
-80
dB
Power On Current Sensitivity
IPS(ON)
VCC=1.5V, VREF≥0.85V
0.05
1.0
µA
Power Off Voltage Sensitivity
VPS(OFF) VCC=1.5V, VREF ≤0.1V
0.5
0.6
V
Muting Off Current Sensitivity
IMUTE(OFF) VCC=1.5V, VREF ≥0.85V
0.2
1.0
µA
Muting On Voltage Sensitivity
VMUTE(ON) VCC=1.5V, VREF ≤0.1V
0.5
0.65
V
Note: The quiescent current is represented by the current flowing into pin 6. The respective maximum currents
flowing into pin 1 and pin 10 are calculated by (pin voltage –0.5) / 16 [V/kΩ] and the total current increases by
these current values.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com