Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND256R3M0 Datasheet(PDF) 18 Page - STMicroelectronics

Part # NAND256R3M0
Description  256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND256R3M0 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button NAND256R3M0 Datasheet HTML 14Page - STMicroelectronics NAND256R3M0 Datasheet HTML 15Page - STMicroelectronics NAND256R3M0 Datasheet HTML 16Page - STMicroelectronics NAND256R3M0 Datasheet HTML 17Page - STMicroelectronics NAND256R3M0 Datasheet HTML 18Page - STMicroelectronics NAND256R3M0 Datasheet HTML 19Page - STMicroelectronics NAND256R3M0 Datasheet HTML 20Page - STMicroelectronics NAND256R3M0 Datasheet HTML 21Page - STMicroelectronics NAND256R3M0 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Package Mechanical
NAND256-M, NAND512-M, NAND01G-M
18/23
Figure 8.
TFBGA149 10x13.5mm - 12x16 active ball array, 0.80mm pitch, Bottom Outline
A2
A1
A
BGA-Z78
ddd
D
E
e
b
SE
FD
FE
E1
e
SD
D1
BALL "A1"
Table 7.
TFBGA149 10x13.5mm - 12x16 active ball array, 0.80mm pitch, Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.250
0.0098
A2
0.800
0.0315
b
0.450
0.400
0.500
0.0177
0.0157
0.0197
D
10.000
9.900
10.100
0.3937
0.3898
0.3976
D1
8.800
0.3465
ddd
0.100
0.0039
E
13.500
13.400
13.600
0.5315
0.5276
0.5354
E1
12.000
0.4724
e
0.800
–
–
0.0315
–
–
FD
0.600
0.0236
FE
0.750
0.0295
SD
0.400
–
–
0.0157
–
–
SE
0.400
–
–
0.0157
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com