Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC848-X-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BC848-X-AE3-R
Description  SWITCHING AND AMPLIFIER APPLICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC848-X-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BC848-X-AE3-R Datasheet HTML 1Page - Unisonic Technologies BC848-X-AE3-R Datasheet HTML 2Page - Unisonic Technologies BC848-X-AE3-R Datasheet HTML 3Page - Unisonic Technologies BC848-X-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC846-BC850
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R206-027,C
TYPICAL CHARACTERISTICS
08
12
416
20
0
20
40
60
80
100
Collector-Emitter Voltage, VCE(V)
Static Characteristic
IB=400µA
IB=350µA
IB=300µA
IB=250µA
IB=200µA
IB=150µA
IB=100µA
IB=50µA
1100
10
1000
10
100
1000
10000
DC Current Gain
Collector Current, IC(mA)
VCE=5V
1100
10
1000
10
100
1000
10000
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Collector Current, IC(mA)
VCE(sat)
VBE(SAT)
IC=10IB
0.1
0.8
0.4
1.0
0.1
1
10
100
Base-Emitter on Voltage
Base-Emitter Voltage, VBE(V)
0.2
0.6
1.2
VCE=2V
1100
10
0.1
1
10
100
Collector Output Capacitance
Collector-Base Voltage, VCB(V)
1000
f=1MHz
0.1
10
1
1
10
100
1000
100
V∞=5V
Current Gain Bandwidth Product
Collector Current, IC(mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com