Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA114E-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # DTA114E-AE3-R
Description  PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA114E-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  DTA114E-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTA114E-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTA114E-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DTA114E
PNP EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
3
www.unisonic.com.tw
QW-R206-046,C
■
TYPICAL CHARACTERICS
25℃
100℃
-100
-50
-20
-10
-5
-2
-1
-500 m
-200 m
-100 m
-500μ
-2m
-5m
-10m -20m
-50m -100m
-1m
Ta= - 40℃
VoUT=-0.3V
-100μ
Input Voltage vs.Output Current
(ON Characterristics)
1k
500
200
100
50
10
5
2
1
20
VoUT=-5V
Output Current, IoUT (A)
DC Current Gain vs. Output Current
Output Current, IoUT (A)
-10m
-5m
-2m
-500μ
-200μ
-0. 5
-1.0
-1.5
-2.0
-2.5
-3. 0
-100μ
-1m
Vcc=-5V
0
Output Current vs Input Voltage
(OFF Characterristics)
Input Voltage , VIN (OFF) (V)
-1
-500 m
-200 m
-100 m
-50m
-20m
-10m
-5m
-2m
-1m
loUT/lIN=20
Output Voltage vs. Output Current
Output Current, IoUT (A)
-2m
-5m
-10m -20m
-50m -100m
-1m
-200μ -500 μ
-2m
-5m
-10m -20m
-50m -100 m
-1m
-100μ
-200μ
-50μ
-10μ
-20μ
-5μ
-2μ
-1μ
25℃
-40℃
Ta= 100℃
25℃
-40℃
Ta= 100℃
25℃
-40℃
Ta= 100℃
-200μ -500μ
-100μ
U T C assum es no responsibility for equipm ent failures that result from using products at v alues that
ex ceed, ev en m om entarily, rated v alues (such as m ax im um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all U T C products described or contained
herein. U T C products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably ex pected to result in personal injury. R eproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. T he inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com