Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA124E-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTA124E-AE3-R
Description  PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA124E-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  DTA124E-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTA124E-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTA124E-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO.,
DTA124E
PNP EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R206-044,B
PNP DIGITAL TRANSISTOR
(BUILT-IN RESISTORS)
FEATURES
*Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors (see the
equivalent circuit).
*The bias resistors consist of thin-film resistors with complete
isolation to allow positive biasing of the input. They also have
the advantage of almost completely eliminating parasitic
effects.
*Only the on / off conditions need to be set for operation,
making device design easy.
EQUIVALENT CIRCUIT
IN
OUT
OUT
IN
GND(+)
R1
R2
GND(+)
MARKING
SOT-23
1
2
3
*Pb-free plating product number:DTA124EL
PIN CONFIGURATION
PIN NO.
PIN NAME
1
GND
2
IN
3
OUT
ORDERING INFORMATION
Order Number
Normal
Lead free
Package
Packing
DTA124E-AE3-R DTA124EL-AE3-R
SOT-23
Tape Reel
AC4


Similar Part No. - DTA124E-AE3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA124E ONSEMI-DTA124E Datasheet
165Kb / 8P
PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTA124E ROHM-DTA124E Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
DTA124E ROHM-DTA124E Datasheet
878Kb / 3P
DTA/DTC SERIES
logo
Unisonic Technologies
DTA124E UTC-DTA124E Datasheet
211Kb / 3P
PNP DIGITAL TRANSISTOR
logo
Rohm
DTA124E ROHM-DTA124E Datasheet
1Mb / 14P
PNP -100mA -50V Digital Transistor
More results

Similar Description - DTA124E-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTA114E UTC-DTA114E Datasheet
46Kb / 3P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA114Y UTC-DTA114Y Datasheet
96Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA123Y UTC-DTA123Y Datasheet
105Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA143E UTC-DTA143E Datasheet
114Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA143Z UTC-DTA143Z Datasheet
114Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTB143E UTC-DTB143E Datasheet
113Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA115E UTC-DTA115E_05 Datasheet
85Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA115E UTC-DTA115E Datasheet
87Kb / 2P
PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
logo
Guilin Strong Micro-Ele...
GMDTA114E GSME-GMDTA114E Datasheet
271Kb / 3P
PNP DIGITAL TRANSISTOR(BUILT-IN RESISTORS)
logo
Unisonic Technologies
DTB143E UTC-DTB143E_15 Datasheet
174Kb / 3P
PNP DIGITAL TRANSISTOR BUILT-IN RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com