Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTA124EL-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # DTA124EL-AE3-R
Description  PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTA124EL-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  DTA124EL-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTA124EL-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTA124EL-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTA124E
PNP EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2
www.unisonic.com.tw
QW-R206-044,B
ABSOLUATE MAXIUM RATINGS (Ta = 25℃)
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(off)
VCC= -5V, IOUT= -100μA
-0.5
Input Voltage
VI(ON)
VOUT= -0.2V, IOUT= -5mA
-3
V
Output Voltage
VO(ON)
IOUT/IIN= -10mA / -0.5 mA
-0.1
-0.3
V
Input Current
II
VIN= -5V
-0.36
mA
Output Current
IO(off)
VCC= -50V , VIN=0V
-0.5
μA
DC Current Gain
GI
VOUT= -5V, IOUT= -5mA
56
Input Resistance
R1
15.4
22
28.6
kΩ
Resistance Ratio
R2/R1
0.8
1
1.2
Transition Frequency
fT
VCE= -10 V, IE= 5mA, f=100MHz *
250
MHz
*Transition frequency of the device
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-50
V
Input Voltage
VIN
-40 ~ +10
V
IC
-100
Output Current
IO
-30
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-40 ~ +150
℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com