Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74FCT16244TA Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74FCT16244TA
Description  Fast CMOS 16-Bit Buffer/Line Drivers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT16244TA Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74FCT16244TA Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74FCT16244TA Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PI74FCT16244T/162244T
16-Bit Buffer/Line Drivers
7
PS2031L
02/26/07
0.20
0.51
1.01
0.25
0.381
0.635
.008
.008
.016
0-8˚
0.20
0.40
.110 2.79
.010
Gauge Plane
.02
.04
.015
.025
x 45˚
.025 BSC
0.635
.291
.299
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.39
7.59
.395
.420
10.03
10.67
.620
.630
15.75
16.00
.008
.0135
0.20
0.34
1
48
Nom.
Max
Packaging Mechanical: 48-pin 300 mil wide plastic SSOP (V)
Packaging Mechanical: 48-Pin, 240 mil wide Plastic TSSOP (A)
07-0059



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com