Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7650 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7650
Description  Evaluation Board Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7650 Datasheet(HTML) 4 Page - Sipex Corporation

  SP7650 Datasheet HTML 1Page - Sipex Corporation SP7650 Datasheet HTML 2Page - Sipex Corporation SP7650 Datasheet HTML 3Page - Sipex Corporation SP7650 Datasheet HTML 4Page - Sipex Corporation SP7650 Datasheet HTML 5Page - Sipex Corporation SP7650 Datasheet HTML 6Page - Sipex Corporation SP7650 Datasheet HTML 7Page - Sipex Corporation SP7650 Datasheet HTML 8Page - Sipex Corporation SP7650 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
+5V BIAS SUPPLY APPLICATION SCHEMATIC
In this application example, the SP7650ER is power by an external +5V bias supply
which current consumption of 20mA Maximum. If this supply is not available than it is
recommend Sipex SPX5205 Low-Noise LDO Voltage Regulator.
RBST
20
CBST
6,800pF
R3
200k,1%
L1
6.8uH
C1
22uF
CVCC
2.2uF
+5V
U1
SP7650
PGND
1
PGND
2
PGND
3
GND
4
VFB
5
COMP
6
UVIN
7
GND
8
SS
9
VIN
10
VIN
11
VIN
12
VIN
13
LX
14
LX
15
LX
16
NC
17
BST
18
GND
19
GND
20
GND
21
VCC
22
LX
23
LX
24
LX
25
LX
26
DBST
CSS
47nF
CP1
22pF
3.30V
0-3A
R2
21.5k,1%
GND
C3
22uF
C3
CERAMIC
1210
X5R
12V
6.3V
VIN
SD101AWS
GND2
VOUT
RZ3
7.15k,1%
R4
100k,1%
C2
0.1uF
C1
CERAMIC
1210
X5R
16V
CZ3
150pF
CZ2
1,000pF
R1
68.1k,1%
RZ2
15k,1%
CF1
100pF
fs=300Khz
Notes:
All resistor & capacitor size
0603 unless other wise specify
U1 Bottom-Side Layout should has
three Contacts which are
isolated from one of another, QT
& QB Drain Contact and
Controller GND Contact
Figure 9. Output Ripple: No Load
Figure 10. Output Ripple: 3A Load
Table 1: SP7650EB Suggested Components and Vendor Lists
Vout ripple = 32mV
Vin
Ichoke(2A/div)
Vout ripple = 40mV
Vin
Ichoke (2A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com