Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7529TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7529TR
Description  RF front-end for AM/FM DSP car-radio with IF sampling
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7529TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7529TR Datasheet HTML 17Page - STMicroelectronics TDA7529TR Datasheet HTML 18Page - STMicroelectronics TDA7529TR Datasheet HTML 19Page - STMicroelectronics TDA7529TR Datasheet HTML 20Page - STMicroelectronics TDA7529TR Datasheet HTML 21Page - STMicroelectronics TDA7529TR Datasheet HTML 22Page - STMicroelectronics TDA7529TR Datasheet HTML 23Page - STMicroelectronics TDA7529TR Datasheet HTML 24Page - STMicroelectronics TDA7529TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
TDA7529
Electrical specifications
21/60
4.5
AM - section
Refer to application circuit in figure 3. VCC = 4.7V to 5.35V; Tamb = -40 to +105°C; LW, MW
and SW bands; 74dBµV antenna level, unless otherwise specified. Antenna level
equivalence: 0dBµV = 1µVrms, all RF levels are intended as EMF.
Table 12.
AM - section
Symbol
Parameter
Test Condition, Comments
Min
Typ
Max
Units
AM IMR Mixer and active balun
Gmix1
Mixer conversion gain
7.2
9
10.5
dB
Δgmix1
Gain attenuation range
controlled by IF-AGC
18
20
dB
Rin
Input impedance
5
6.5
9.5
k
Ω
Rout
Output impedance
15
20
30
W
Min. external load
400
W
Vin_max
Max. output voltage
without clipping (unloaded)
122
dBµV
Vnoise
Input noise voltage
6
8.3
nV/
√Hz
IIP3
3rd order intercept point
130
134
dBµV
IIP2
2nd order intercept point
159
dBµV
IRR
Image rejection ratio
without gain/phase adjust
30
dB
IRR
Image rejection ratio
with gain/phase adjust
40
45
dB
AM RF AGC
External capacitance for time constant from 1nF to 4700nF – time constant values are directly proportional to the
external capacitor value
Lthr
Mixer input referred
RF level threshold
min. setting
83
86
89
dBµV
max setting
98
101
104
threshold steps
4 bit control
0.5
1
1.5
dB
Pin diode source current
AGC control pin 1
Logarithmic current
10
mA
Min. voltage
AGC control pin 1 with 5µA
sink current
0.1
V
Isink
5µA sink current
5
10
µA
Pin diode source current in
constant current mode
1mA
Max. voltage
AGC control pin 1
VCC-
1.4
VCC-1.2
V
Max. output voltage in GPO
mode
AGC control pin 2
VDD-
0.3
VDD
V
Min. output voltage
AGC control pin 2
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com