Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6003G Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXMS6003G
Description  60V N-channel self protected enhancement mode IntelliFET MOSFET with programmable current limit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMS6003G Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXMS6003G Datasheet HTML 1Page - Zetex Semiconductors ZXMS6003G Datasheet HTML 2Page - Zetex Semiconductors ZXMS6003G Datasheet HTML 3Page - Zetex Semiconductors ZXMS6003G Datasheet HTML 4Page - Zetex Semiconductors ZXMS6003G Datasheet HTML 5Page - Zetex Semiconductors ZXMS6003G Datasheet HTML 6Page - Zetex Semiconductors ZXMS6003G Datasheet HTML 7Page - Zetex Semiconductors ZXMS6003G Datasheet HTML 8Page - Zetex Semiconductors ZXMS6003G Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXMS6003G
Issue 2 - March 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Functional block diagram
Applications and information
•
Especially suited for loads with a high in-rush current such as lamps and motors.
•
All types of resistive, inductive and capacitive loads in switching applications.
•
C compatible power switch for 12V and 24V DC applications.
•
Automotive rated.
•
Replaces electromechanical relays and discrete circuits.
•
Linear mode capability - the current-limiting protection circuitry is designed to de-activate at
low VDS, in order not to compromise the load current during normal operation. The design
max. DC operating current is therefore determined by the thermal capability of the package/
board combination, rather than by the protection circuitry.
Note: This does not compromise the product's ability to self-protect during short-circuit load
conditions.
•
The current limit is programmable via an external resistor Rprog connected between Status and
IN pins.
•
Status pin voltage reflects the gate drive being applied internally to the power MOSFET.
With VIN = 5V and Rprog = 24k :
Status voltage ~ 5V indicates normal operation.
Status voltage ~ (2-3)V indicates that the device is in current-limiting mode.
Status voltage < 1V indicates that the device is in thermal shutdown.
S
Over voltage
protection
Status /
current limit
Over current
protection
Over temperature
protection
Logic
Human body
ESD protection
D
IN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com