Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N60L-TN3-R
Description  1.2 Amps, 600 Volts N-CHANNEL MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N60L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 1N60L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 1N60L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 1N60L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 1N60L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 1N60L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 1N60L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 1N60L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N60
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-052,D
1.2 Amps, 600 Volts
N-CHANNEL MOSFET
DESCRIPTION
The UTC 1N60 is a high voltage MOSFET and is designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and have a high rugged avalanche
characteristics. This power MOSFET is usually used at high speed
switching applications in power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) =9.3Ω@VGS = 10V.
* Ultra Low gate charge (typical 5.0nC)
* Low reverse transfer capacitance (CRSS = typical 3.0 pF)
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
TO-252
TO- 251
1
1
1
TO-220F
*Pb-free plating product number: 1N60L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
1N60-TA3-T
1N60L-TA3-T
TO-220
G
D
S
Tube
1N60-TF3-T
1N60L-TF3-T
TO-220F
G
D
S
Tube
1N60-TM3-T
1N60L-TM3-T
TO-251
G
D
S
Tube
1N60-TN3-R
1N60L-TN3-R
TO-252
G
D
S
Tape Reel
1N60-TN3-T
1N60L-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source
1N60L-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TM3: TO-251,
TN 3: TO-252
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 1N60L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60L-TN3-R UTC-1N60L-TN3-R Datasheet
282Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60L-TN3-R UTC-1N60L-TN3-R Datasheet
361Kb / 7P
N-CHANNEL POWER MOSFET
1N60L-TN3-R UTC-1N60L-TN3-R Datasheet
267Kb / 7P
N-CHANNEL ENHANCEMENT
logo
VBsemi Electronics Co.,...
1N60L-TN3-R VBSEMI-1N60L-TN3-R Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 1N60L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N60 UTC-2N60 Datasheet
142Kb / 8P
2 Amps, 600 Volts N-CHANNEL MOSFET
1N60A UTC-1N60A Datasheet
139Kb / 8P
0.5 Amps, 600 Volts N-CHANNEL MOSFET
1N60 UTC-1N60_10 Datasheet
275Kb / 6P
1.2 Amps, 600/650 Volts N-CHANNEL MOSFET
1N70 UTC-1N70 Datasheet
217Kb / 8P
1.2 Amps, 700 Volts N-CHANNEL MOSFET
15N60 UTC-15N60 Datasheet
165Kb / 6P
15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
1.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK1N60P FS-FTK1N60P Datasheet
321Kb / 7P
1.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
10 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com