Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD669L-D-TM3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2SD669L-D-TM3-R
Description  BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD669L-D-TM3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  2SD669L-D-TM3-R Datasheet HTML 1Page - Unisonic Technologies 2SD669L-D-TM3-R Datasheet HTML 2Page - Unisonic Technologies 2SD669L-D-TM3-R Datasheet HTML 3Page - Unisonic Technologies 2SD669L-D-TM3-R Datasheet HTML 4Page - Unisonic Technologies 2SD669L-D-TM3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SD669/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R204-005,E
TYPICAL CHARACTERISTICS
Ta=
75℃
25
-20
VCE=5V
1
50
100
150
200
250
300
1
3
10
30
100 300 1,000 3,000
CollectorCurrent, IC (mA)
DC Current Transfer Ratio
vs. Collector Current
Collector to Emitter Saturation Voltage
vs. Collector Current
1
3
10
30
100
300
1,000
CollectorCurrent, IC (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
TC
=7
5℃
IC=10 IB
-20
TC=-
20℃
IC=10IB
25
75
1
3
10
30
100 300 1,000
0
0.2
0.4
0.6
0.8
1.0
1.2
CollectorCurrent, IC (mA)
Base to Emitter Saturation Voltage
vs. Collector Current
10
30
100
300
1,000
Collector Current, IC (mA)
0
40
80
120
160
200
240
Gain Bandwidth Product
vs. Collector Current
VCE=5V
Ta=25℃
1
5
10
50
20
100
2
2
5
10
20
50
100
200
Collector to Base Voltage, VCB (V)
Collector Output Capacitance
vs. Collector to Base Voltage
f=1MHz
IE=0
DC Operation (TC=25℃)
(13.3V, 1.5A)
40V, 0.5A
(120V, 0.04A)
(160V, 0.02A)
2SD669
2SD669A
Area of Safe Operation
Collector to Emitter Voltage, VCE (V)
13
10
100
300
0.01
0.03
0.1
0.3
1.0
3
30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com