Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD965A-Q-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SD965A-Q-AB3-R
Description  LOW VOLTAGE HIGH CURRENT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD965A-Q-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD965A-Q-AB3-R Datasheet HTML 1Page - Unisonic Technologies 2SD965A-Q-AB3-R Datasheet HTML 2Page - Unisonic Technologies 2SD965A-Q-AB3-R Datasheet HTML 3Page - Unisonic Technologies 2SD965A-Q-AB3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SD965/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R209-007,B
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
40
V
2SD965
20
V
Collector-Emitter Voltage
2SD965A
VCEO
30
V
Emitter-Base Voltage
VEBO
7
V
SOT-89
500
mW
TO-92
750
mW
Collector Dissipation
TO-252
PC
1
W
Collector Current
IC
5
A
Junction Temperature
TJ
150
℃
Storage Temperature
TSTG
-65 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100µA, IE=0
40
V
2SD965
20
V
Collector-Emitter
Breakdown Voltage
2SD965A
BVCEO
IC=1mA, IB=0
30
V
Emitter-Base Breakdown Voltage
BVEBO
IE=10µA, IC=0
7
V
Collector Cut-off Current
ICBO
VCB=10V, IE=0
100
nA
Emitter Cut-off Current
IEBO
VEB=7V, IC=0
100
nA
VCE=2V, IC=1mA
200
VCE=2V, IC=0.5A
230
800
DC Current Gain(note)
hFE
VCE=2V, IC=2A
150
Collector-Emitter Saturation Voltage
VCE(SAT) IC=3A, IB= 0.1A
1
V
Current Gain Bandwidth Product
fT
VCE=6V, IC=50mA
150
MHz
Output Capacitance
Cob
VCB=20V, IE=0, f=1MHz
50
pF
CLASSIFICATION OF hFE2
RANK
Q
R
S
RANGE
230-380
340-600
560-800



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com