Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD669L-C-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD669L-C-TN3-R
Description  BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD669L-C-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD669L-C-TN3-R Datasheet HTML 1Page - Unisonic Technologies 2SD669L-C-TN3-R Datasheet HTML 2Page - Unisonic Technologies 2SD669L-C-TN3-R Datasheet HTML 3Page - Unisonic Technologies 2SD669L-C-TN3-R Datasheet HTML 4Page - Unisonic Technologies 2SD669L-C-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SD669/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R204-005,E
ABSOLUTE MAXIMUM RATING (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
180
V
2SD669
120
Collector-Emitter Voltage
2SD669A
VCEO
160
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
1.5
A
Collector Peak Current
lC(PEAK)
3
A
Collector Power Dissipation
SOT-223
0.5
W
Collector Power Dissipation
TO-126
PD
1
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-40 ~ +150
℃
Note
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector to Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
180
V
2SD669
120
Collector to Emitter Breakdown
Voltage
2SD669A
BVCEO
IC=10mA, RBE=∞
160
V
Emitter to Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
5
V
Collector Cut-off Current
ICBO
VCB=160V, IE=0
10
µA
hFE1
VCE=5V, IC=150mA (Note)
60
320
DC Current Gain
hFE2
VCE=5V, IC=500mA (Note)
30
Collector-Emitter Saturation Voltage
VCE(SAT) IC=600mA, IB=50mA (Note)
1
V
Base-Emitter Voltage
VBE
VCE=5V, IC=150mA (Note)
1.5
V
Current Gain Bandwidth Product
fT
VCE=5V, IC=150mA (Note)
140
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
14
pF
Note: Pulse test.
CLASSIFICATION OF hFE1
RANK
B
C
D
RANGE
60-120
100-200
160-320



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com