Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD965A-R-T92-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD965A-R-T92-R
Description  LOW VOLTAGE HIGH CURRENT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD965A-R-T92-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD965A-R-T92-R Datasheet HTML 1Page - Unisonic Technologies 2SD965A-R-T92-R Datasheet HTML 2Page - Unisonic Technologies 2SD965A-R-T92-R Datasheet HTML 3Page - Unisonic Technologies 2SD965A-R-T92-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD965/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R209-007,B
TYPICAL CHARACTERISTICS
Static Characteristics
Collector-Emitter Voltage ( V)
0
0.4
0.8
1.2
1.6
2.0
0
1.0
1.5
2.0
2.5
3.0
DC Current Gain
Collector Current, IC (mA)
VCE=2V
10
0
10
1
10
2
10
3
10
-1
10
1
10
2
10
3
10
4
IB=3.0mA
IB=2.5mA
IB=2.0mA
IB=1.0mA
IB=1.5mA
IB=0.5mA
Base-Emitter on Voltage
Collector Current, IC (mA)
Saturation Voltage
IC=30·IB
Ta=75℃
-25℃
25℃
VCE=2V
0
1
2
3
4
5
6
00.8
1.2
1.6
2.0
Base to Emitter Voltage, VBE (V)
0.4
10
1
10
2
10
3
10
4
10
0
10
1
10
2
10
3
10
4
VBE(SAT)
VCE(SAT)
Current Gain-Bandwidth Product
Collector Output Capacitance
Collector Current, IC (mA)
VCE=6V
Collector-Base Voltage (V)
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3
f=1MHz
IE=0
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com