Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81N10-H-AB3-I-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 81N10-H-AB3-I-R
Description  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81N10-H-AB3-I-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button 81N10-H-AB3-I-R Datasheet HTML 2Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 3Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 4Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 5Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 6Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 8Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 9Page - Unisonic Technologies 81N10-H-AB3-I-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
81CXXX/81NXXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 15
www.unisonic.com.tw
QW-R502-039,I
ELECTRICAL CHARACTERISTICS(Cont.)
Detection voltage (4.0V ~ 4.9V)
PARAMETER
SYMBOL CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Detect Voltage
VDF
1
VDF (T)
X0.98
VDF (T)
VDF (T)
X1.02
V
Hysteresis Range
VHYS
1
VDF
X0.02
VDF
X0.05
VDF
X0.08
V
Operating Voltage
VIN
1
VDF=1.6V ~ 6.0V
0.7
10.0
V
VIN=4.0V
1.5
3.8
µA
Supply Current
ISS
2
VIN=5.0V
2.0
4.2
µA
3
N-ch
VDS=0.5V, VIN=4.0V
11.5
mA
Output Current
IOUT
4
P-ch
VDS=2.1V, VIN=8.0V
(CMOS output)
-15.4
mA
VDF
Temperature Characteristics
∆VDF
∆TOPR×VDF
±100
ppm/℃
Transient Delay Time
(VDR
VOUT inversion)
tDLY *
5
VIN changes from
0.6V ~ 10V
50
200
ms
Detection voltage (5.0V)
PARAMETER
SYMBOL CIRCUIT
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Detect Voltage
VDF
1
VDF (T)
X0.98
VDF (T)
VDF (T)
X1.02
V
Hysteresis Range
VHYS
1
VDF
X0.02
VDF
X0.05
VDF
X0.08
V
Operating Voltage
VIN
1
VDF=1.6V ~ 6.0V
0.7
10.0
V
Supply Current
ISS
2
VIN=5.0V
2.0
4.2
µA
3
N-ch VDS=0.5V, VIN =5.0V
13.0
mA
Output Current
IOUT
4
P-ch
VDS=2.1V, VIN=8.0V
(CMOS output)
-15.4
mA
VDF
Temperature Characteristics
∆VDF
∆TOPR×VDF
±100
ppm/℃
Transient Delay Time
(VDR
VOUT inversion)
tDLY *
5
VIN changes from
0.6V ~ 10V
50
200
ms
VDF (T): established detect voltage value
Release Voltage: VDR = VDF + VHYS
* Transient Delay Time: 1ms ~ 50ms & 200ms ~ 400ms versions are also available.
Note: The power consumption during power-start to output being stable (release operation) is 2 µA greater than it is
after that period (completion of release operation) because of delay circuit through current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com