Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1616A-G-G03-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SD1616A-G-G03-R
Description  NPN EPITAXIAL SILICON TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1616A-G-G03-R Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD1616A-G-G03-R Datasheet HTML 1Page - Unisonic Technologies 2SD1616A-G-G03-R Datasheet HTML 2Page - Unisonic Technologies 2SD1616A-G-G03-R Datasheet HTML 3Page - Unisonic Technologies 2SD1616A-G-G03-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD1616/A
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R201-008,C
TYPICAL CHARACTERISTICS
Collector Output Capacitance
Collector-Base Voltage, VCB (V)
1000
500
300
100
50
30
10
5
3
1
3
5
10
30 50
100
300
IE=0
f=1.0MHz
Current Gain-Bandwidth Product
Collector Current, IC (A)
1000
500
300
100
50
30
10
5
3
10
5
3
1
0.3
0.1
0.03
0.01
1
VCE=2V
Static Characteristic
Collector-Emitter Voltage , VCE (V)
2
0
60
80
100
IB=50μA
40
20
46
8
10
IB=100μA
IB=150μA
IB=200μA
IB=250μA
IB=300μA
Static Characteristic
Collector-Emitter Voltage, VCE (V)
0.2
0
0.6
0.8
10
IB=0.5mA
0.4
0.2
10
IB=1.0mA
IB=1.5mA
IB=2.0mA
IB=2.5mA
IB=3.0mA
IB=3.5mA
IB=5.0mA
0.4
0.6
0.8
Switching Time
Collector Current, IC (A)
0.3
0.1
1
0.5
0.3
0.1
0.01
0.003
0.01
VCC=10V
IC=10×IB1= -10×IB2
0.05
0.03
0.001
0.03
0.05
0.5
1
3
5
10
tON
tF
tSTG



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com