Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBE10M-R2-SE2-P-L Datasheet(PDF) 6 Page - Pepperl+Fuchs Inc.

Part # OBE10M-R2-SE2-P-L
Description  Thru-beam sensor (pair)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBE10M-R2-SE2-P-L Datasheet(HTML) 6 Page - Pepperl+Fuchs Inc.

  OBE10M-R2-SE2-P-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBE10M-R2-SE2-P-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBE10M-R2-SE2-P-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBE10M-R2-SE2-P-L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBE10M-R2-SE2-P-L Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBE10M-R2-SE2-P-L Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBE10M-R2-SE2-P-L Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
OBE10M-R2-SE2-P-L
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Thru-beam sensor (pair)
The thru-beam sensor enables the switching points to be taught in for optimum adaptation to specific applications. This
eliminates the need for additional components such as apertures.
The sensitivity of the thru-beam sensor can be adjusted using three Teach-in methods:
Position Teach
When using this Teach-in method, the following settings are made on the thru-beam sensor:
• The gain is set to an optimum value
• The signal threshold is set to a minimum
Recommended application:
This method enables minuscule particles in the beam path to be detected, and provides exceptional positioning accuracy.
Make sure that there are no objects in the beam path and that the sensor is connected to the power supply.
1. Connect the white cable on the receiver (WH/IN) to the blue cable (BU/0 V) on the receiver.
The green and yellow LED indicators flash simultaneously at 2.5 Hz
2. Disconnect the white cable on the receiver (WH/IN) from the blue cable (BU/0 V) on the receiver.
The green and yellow LED indicators flash alternately at 2.5 Hz
3. The end of the Teach-in process is indicated when the green LED indicator lights up static and yellow LED blinks.
Two-Point Teach-In
When using this Teach-in method, the following settings are made on the thru-beam sensor:
• The gain is set to an optimum value
• The signal threshold is set in the center between the two taught signal values
1. Make sure that there are no objects in the beam path and that the sensor is connected to the power supply.
2. Connect the white cable on the receiver (WH/IN) to the blue cable (BU/0 V) on the receiver.
The green and yellow LED indicators flash simultaneously at 2.5 Hz
3. Position the object in the beam path.
4. Disconnect the white cable on the receiver (WH/IN) from the blue cable (BU/0 V) on the receiver.
The green and yellow LED indicators flash alternately at 2.5 Hz
5. The end of the Teach-in process is indicated when the green LED indicator lights up static.
Maximum Teach-In
When using this Teach-in method, the following settings are made on the thru-beam sensor:
• The gain is set to a maximum
• The signal threshold is set to a minimum
Recommended application:
Enables an object to be detected with a high excess gain. This can be useful if there is severe environmental contamination or to
achieve long operating times.
Make sure that there are no objects in the beam path and that the sensor is connected to the power supply.
6. Cover the receiver or transmitter.
7. Connect the white cable on the receiver (WH/IN) to the blue cable (BU/0 V) on the receiver.
Teach-In
Signal strength
Threshold level
t
Opt.
0
Signal strength
Threshold level
Teach-in value 1 (avg)
Contrast levels
Teach-in value 2 (avg)
t
Max.
0
t
Signal strength
Threshold level
t
Max.
0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com