Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OBE10M-R2-SE3-P-L Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # OBE10M-R2-SE3-P-L
Description  Thru-beam sensor (pair)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OBE10M-R2-SE3-P-L Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  OBE10M-R2-SE3-P-L Datasheet HTML 1Page - Pepperl+Fuchs Inc. OBE10M-R2-SE3-P-L Datasheet HTML 2Page - Pepperl+Fuchs Inc. OBE10M-R2-SE3-P-L Datasheet HTML 3Page - Pepperl+Fuchs Inc. OBE10M-R2-SE3-P-L Datasheet HTML 4Page - Pepperl+Fuchs Inc. OBE10M-R2-SE3-P-L Datasheet HTML 5Page - Pepperl+Fuchs Inc. OBE10M-R2-SE3-P-L Datasheet HTML 6Page - Pepperl+Fuchs Inc. OBE10M-R2-SE3-P-L Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Technical Data
Degree of protection
IP67
Connection
2 m fixed cable
Material
Housing
PC/ABS and TPU
Optical face
PC
Cable
PUR
Installation
Fixing screws , 2 x M2 allen head screws included with delivery
Mass
approx. 20 g per sensor
Cable length
2 m
Connection
BN
L+
L-
BK
BU
Test
BN
L+
L-
WH
BK
BU
Q
Teach
Assembly
1 Operating display green
2 Signal display
yellow
3 Emitter
4 Receiver
Transmitter
Receiver
1
2
3
4
Characteristic Curve
X
Distance X [m]
Characteristic response curve
Offset Y [mm]
0.5
2.5
4.5
6.5
8.5
10.5
12.5
14.5
16.5
15
10
5
0
-5
-10
-15
Thru-beam sensor (pair)
OBE10M-R2-SE3-P-L
3
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com