Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

81N19-H-AB3-I-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 81N19-H-AB3-I-R
Description  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81N19-H-AB3-I-R Datasheet(HTML) 2 Page - Unisonic Technologies

  81N19-H-AB3-I-R Datasheet HTML 1Page - Unisonic Technologies 81N19-H-AB3-I-R Datasheet HTML 2Page - Unisonic Technologies 81N19-H-AB3-I-R Datasheet HTML 3Page - Unisonic Technologies 81N19-H-AB3-I-R Datasheet HTML 4Page - Unisonic Technologies 81N19-H-AB3-I-R Datasheet HTML 5Page - Unisonic Technologies 81N19-H-AB3-I-R Datasheet HTML 6Page - Unisonic Technologies 81N19-H-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies 81N19-H-AB3-I-R Datasheet HTML 8Page - Unisonic Technologies 81N19-H-AB3-I-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
81CXXX/81NXXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 15
www.unisonic.com.tw
QW-R502-039,I
ORDERING INFORMATION(Cont.)
8 1C xxL -
- AB3 - x -R
(1)Packing Type
(2)Pin Code
(5)Lead Plating
(4)Delay Time
(1) R: Tape Reel, B: Tape Box, K: Bulk
(2) refer to Pin Assignment
(4)
: refer to Delay Time
(5)L: Lead Free Plating, Blank: Pb/Sn
(6)Output Voltage Code
(7)Output Configuration
(6) xx: refer to Marking Information
(7) C: CMOS, N: N-Cannel
1
1
(3)Package Type
(3) AB3: SOT-89, AE3: SOT-23, T92: TO-92
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOT-89
12
3
81XXXX
Date Code
Voltage Code
C:CMOS
N:N-Channel
Lead Plating
TO-92
10:1.0V
11:1.1V
12:1.2V
13:1.3V
14:1.4V
15:1.5V
16:1.6V
17:1.7V
18:1.8V
19:1.9V
20:2.0V
21:2.1V
22:2.2V
23:2.3V
24:2.4V
25:2.5V
26:2.6V
27:2.7V
28:2.8V
29:2.9V
30:3.0V
31:3.1V
32:3.2V
33:3.3V
34:3.4V
35:3.5V
36:3.6V
37:3.7V
38:3.8V
39:3.9V
40:4.0V
41:4.1V
42:4.2V
43:4.3V
44:4.4V
45:4.5V
46:4.6V
47:4.7V
48:4.8V
49:4.9V
50:5.0V
12
3
UTC
81XXXX
Voltage Code
Date Code
Pin Code
C:CMOS
N:N-Channel
Lead Plating
* Represents the integer of the Detect Voltage
** Represents the decimal number of the Detect Voltage
EXAMPLE:
1
2
3
Month (January )
2 H A L
81C27P
1
2
3
Month (May)
Voltage Code
2 H E L
81N27H
L:Pb-free
L:Pb-free
Voltage Code
Pin Code
Pin Code
PACKAGE INTEGER* CODE DECIMAL** CODE
MARKING
1.
1
.0
A
2.
2
.1
B
3.
3
.2
C
4.
4
.3
D
5.
5
.4
E
6.
6
.5
F
.6
G
.7
H
.8
J
SOT-23
.9
K
1
2
3
Month
Voltage Code
Lead Plating
Pin Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com