Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT11 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUT11
Description  Silicon diffused power transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT11 Datasheet(HTML) 3 Page - NXP Semiconductors

  BUT11 Datasheet HTML 1Page - NXP Semiconductors BUT11 Datasheet HTML 2Page - NXP Semiconductors BUT11 Datasheet HTML 3Page - NXP Semiconductors BUT11 Datasheet HTML 4Page - NXP Semiconductors BUT11 Datasheet HTML 5Page - NXP Semiconductors BUT11 Datasheet HTML 6Page - NXP Semiconductors BUT11 Datasheet HTML 7Page - NXP Semiconductors BUT11 Datasheet HTML 8Page - NXP Semiconductors BUT11 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Aug 13
2
Philips Semiconductors
Product specification
Silicon diffused power transistors
BUT11; BUT11A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCESM
collector-emitter peak voltage
VBE =0
BUT11
−
850
V
BUT11A
−
1000
V
VCEO
collector-emitter voltage
open base
BUT11
−
400
V
BUT11A
−
450
V
IC
collector current (DC)
see Figs 2 and 4
−
5A
ICM
collector current (peak value)
tp < 2 ms; see Fig. 4
−
10
A
IB
base current (DC)
−
2A
IBM
base current (peak value)
tp <2ms
−
4A
Ptot
total power dissipation
Tmb ≤ 25 °C; see Fig.3
−
100
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Fig.2 Reverse bias SOAR.
handbook, halfpage
0
400
IC
(A)
1200
VCE (V)
0
MGB895
800
(2)
1
2
3
4
5
(1)
(1) BUT11.
(2) BUT11A.
Fig.3 Power derating curve.
handbook, halfpage
050
Tmb (
oC)
100
150
120
0
40
80
MGD283
Ptot max
(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com