Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6133ER1 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6133ER1
Description  Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6133ER1 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6133ER1 Datasheet HTML 1Page - Sipex Corporation SP6133ER1 Datasheet HTML 2Page - Sipex Corporation SP6133ER1 Datasheet HTML 3Page - Sipex Corporation SP6133ER1 Datasheet HTML 4Page - Sipex Corporation SP6133ER1 Datasheet HTML 5Page - Sipex Corporation SP6133ER1 Datasheet HTML 6Page - Sipex Corporation SP6133ER1 Datasheet HTML 7Page - Sipex Corporation SP6133ER1 Datasheet HTML 8Page - Sipex Corporation SP6133ER1 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Oct 24-06 Rev L
SP633 Synchronous Buck Controller
© 2006 Sipex Corporation
PARAMETER
MIN TYP MAX UNITS CONDITIONS
QUIESCENT CURRENT
VIN Supply Current
.5
3.0
mA
VFB = V (no switching)
VCC Supply Current
.5
3.0
mA
VFB = V (no switching)
BST Supply Current
0.2
0.4
mA
VFB = V (no switching)
PROTECTION: UVLO
VCC UVLO Start Thresh-
old
4.00
4.25
4.5
V
VCC UVLO Hysteresis
50
200
250
mV
UVIN Start Threshold
2.35
2.50
2.65
V
Apply voltage to UVIN
pin
UVIN Hysteresis
200
300
400
mV
Apply voltage to UVIN
pin
VIN Start Threshold
9.0
9.5
0.0
V
UVIN Floating
VIN Hysteresis
300
mV
UVIN Floating
Enable Pullup Current
0.4
µA
Apply voltage to EN pin
ERROR AMPLIFIER REFERENCE
ErrorAmplifierReference 0.792 0.800 0.808
V
2xGainConfig.
ErrorAmplifierReference
Over Line & Temperature 0.788 0.800 0.82
V
COMP Sink Current
70
50
230
µA
COMP Source Current
-230
-50
-70
µA
VFB Input Bias Current

50
00
nA
COMP Common Mode
Output Range
.9
3.0
3.2
V
COMP Pin Clamp Voltage
3.2
3.5
3.8
V
VFB = 0.7V
ELECTRICAL SPECIFICATIONS
Unlessotherwisespecified:-40°C<TAMB<85°C,4.5V<VCC <5.5V,BST=VCC, SWN = GND = PGND = 0.0V, UVIN = 3.0V, CVCC
= 0µF, CCOMP = 0.µF, CGH = CGL = 3.3nF, CSS = 50nF, RPWRGD = 0KΩ.
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
ofthespecificationsbelowisnotimplied.Exposuretoabsolutemaxi-
mum rating conditions for extended periods of time may affect reliability.
VCC .................................................................................................. 6V
VIN .............................................................................................. 24.5V
BST................................................................................................ 30V
BST-SWN ........................................................................................ 7V
SWN .................................................................................-2V to 24.5V
GH ..........................................................................-0.3V to BST+0.3V
GH-SWN.......................................................................................... 6V
All other pins............................................................-0.3V to VCC+0.3V
PeakOutputCurrent<10µs
GH,GL ............................................................................................. 2A
Storage Temperature................................................... -65°Cto150°C
Power Dissipation........................................................................... W
ESD Rating........................................................................... 2kV HBM
Thermal Resistance.............................................................. 41.9°C/W
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com