Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP14NK50Z Datasheet(PDF) 18 Page - STMicroelectronics

Part # STP14NK50Z
Description  N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP14NK50Z Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STP14NK50Z Datasheet HTML 11Page - STMicroelectronics STP14NK50Z Datasheet HTML 12Page - STMicroelectronics STP14NK50Z Datasheet HTML 13Page - STMicroelectronics STP14NK50Z Datasheet HTML 14Page - STMicroelectronics STP14NK50Z Datasheet HTML 15Page - STMicroelectronics STP14NK50Z Datasheet HTML 16Page - STMicroelectronics STP14NK50Z Datasheet HTML 17Page - STMicroelectronics STP14NK50Z Datasheet HTML 18Page - STMicroelectronics STP14NK50Z Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
Revision history
STP14NK50Z - STP14NK50ZFP - STB14NK50Z - STB14NK50Z-1 - STW14NK50Z
18/19
6
Revision history
Table 9.
Revision history
Date
Revision
Changes
21-Jun-2004
2
Complete version with curves
26-Jul-2006
3
New template, no content change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com