Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7293HS Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7293HS
Description  120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7293HS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7293HS Datasheet HTML 7Page - STMicroelectronics TDA7293HS Datasheet HTML 8Page - STMicroelectronics TDA7293HS Datasheet HTML 9Page - STMicroelectronics TDA7293HS Datasheet HTML 10Page - STMicroelectronics TDA7293HS Datasheet HTML 11Page - STMicroelectronics TDA7293HS Datasheet HTML 12Page - STMicroelectronics TDA7293HS Datasheet HTML 13Page - STMicroelectronics TDA7293HS Datasheet HTML 14Page - STMicroelectronics TDA7293HS Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
2100
510
20
50
Vs = +/-29V
Rl = 4 Ohm
f = 1KHz
f = 20 KHz
Pout (W )
T.H.D (%)
Figure 9: Distortion vs Output Power
0.001
10
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
T.H.D (%)
2
100
510
20
50
Vs = +/-40V
Rl = 8 Ohm
f = 1KHz
f = 20 KHz
Pout (W)
Figure 10: Distortion vs Output Power
20
25
30
35
40
45
50
Supply Voltage (+/-Vcc)
0
10
20
30
40
50
60
Dissipated Power for each
device of the modular
application
4ohm
8ohm
Pd limit at Tcase=70°C
Figure 13: Modular Application Pd vs Vsupply
(ref. fig. 7)
20
25
30
35
40
45
50
Supply Voltage (+/-Vcc)
0
1
2
3
4
5
6
Forbidden Area
Pd > 50Wat Tcase=70°C
Figure 12: Modular Application Derating Rload
vs Vsupply (ref. fig. 7)
10 12 14 16 18 20 22 24 26 28 30 32 34 36 38 40
Vs (+/-V)
0
10
20
30
40
50
60
70
80
90
100
110
120
Po (W)
THD=0.5 %
Rl=8 Ohm
f= 1 KHz
T.H.D.=10 %
Figure 14: Output Power vs. Supply Voltage
00.1
1
10
100
Frequency (KHz)
0.001
0.01
0.1
1
10
T.H.D. (%)
VS= +/- 35 V
Rl= 8 Ohm
Pout=100 mW
Po=50 W
Figure 11: Distortion vs Frequency
TDA7293
12/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com