Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82NXX-AE3-5-R Datasheet(PDF) 13 Page - Unisonic Technologies

Part # 82NXX-AE3-5-R
Description  VOLTAGE DETECTORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82NXX-AE3-5-R Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button 82NXX-AE3-5-R Datasheet HTML 9Page - Unisonic Technologies 82NXX-AE3-5-R Datasheet HTML 10Page - Unisonic Technologies 82NXX-AE3-5-R Datasheet HTML 11Page - Unisonic Technologies 82NXX-AE3-5-R Datasheet HTML 12Page - Unisonic Technologies 82NXX-AE3-5-R Datasheet HTML 13Page - Unisonic Technologies 82NXX-AE3-5-R Datasheet HTML 14Page - Unisonic Technologies 82NXX-AE3-5-R Datasheet HTML 15Page - Unisonic Technologies 82NXX-AE3-5-R Datasheet HTML 16Page - Unisonic Technologies 82NXX-AE3-5-R Datasheet HTML 17Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 17
www.unisonic.com.tw
QW-R502-057,B
TYPICAL PERFORMANCE CHARACTERICS (Cont.)
(3) DRIVER OUTPUT CURRENT vs. INPUT VOLTAGE
0
0.4
3.0
82N10
0.2
0.6
0.8
0
4.0
5.0
2.0
1.0
Input Voltage, VIN (V)
1.0
1.2
VDS=0.5V
25℃
80℃
Ta=-40℃
0
0.4
3.0
82N11
0.2
0.6
0.8
0
4.0
5.0
2.0
1.0
Input Voltage, VIN (V)
1.0
1.2
VDS=0.5V
25℃
80℃
Ta=-40℃
0
0.4
3.0
82N12
0.2
0.6
0.8
0
4.0
5.0
2.0
1.0
Input Voltage, VIN (V)
1.0
1.2
VDS=0.5V
25℃
80℃
Ta=-40℃
0
15
82N20
0.5
1.0
1.5
0
10
2.0
Input Voltage, VIN (V)
5
VDS=0.5V
Ta=-40℃
25℃
85℃
0
25
82N22
0.5
1.0
1.5
0
15
2.5
Input Voltage, VIN (V)
5
VDS=0.5V
85℃
Ta=-40℃
25℃
20
10
2.0
3.0
0
25
82N23
0.5
1.0
1.5
0
15
2.5
Input Voltage, VIN (V)
5
VDS=0.5V
85℃
Ta=-40℃
25℃
20
10
2.0
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com