Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT11AI Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUT11AI
Description  Silicon Diffused Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT11AI Datasheet(HTML) 2 Page - NXP Semiconductors

  BUT11AI Datasheet HTML 1Page - NXP Semiconductors BUT11AI Datasheet HTML 2Page - NXP Semiconductors BUT11AI Datasheet HTML 3Page - NXP Semiconductors BUT11AI Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUT11AI
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES
Collector cut-off current
1
V
BE = 0 V; VCE = VCESMmax
-
-
1.0
mA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
2.0
mA
T
j = 125 ˚C
I
EBO
Emitter cut-off current
V
EB = 9.0 V; IC = 0 A
-
-
10.0
mA
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0 A; IC = 100 mA;
450
-
-
V
L = 25 mH
V
CEsat
Collector-emitter saturation voltage
I
C = 2.5 A;IB = 0.33 A
-
-
1.5
V
V
BEsat
Base-emitter saturation voltage
I
C = 2.5 A;IB = 0.33 A
-
-
1.3
V
h
FE
DC current gain
I
C = 5 mA; VCE = 5 V
10
20
35
h
FE
I
C = 0.5 A; VCE = 5 V
14
22
35
h
FEsat
I
C = 2.5 A; VCE = 5 V
9
13
17
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
Switching times resistive load
I
Con = 2.5 A; IBon = 0.5 A; -IBoff = 0.5 A
Turn-on time
0.6
1.0
µs
t
on
3.4
0.6
t
s
Turn-off storage time
-
4.0
µs
t
f
Turn-off fall time
-
0.8
µs
Switching times inductive load
I
Con = 2.5 A; IBon = 0.5 A; LB = 1 µH;
-V
BB = 5 V
t
s
Turn-off storage time
1.1
1.4
µs
t
f
Turn-off fall time
80
150
ns
I
Con = 2.5 A; IBon = 0.5 A; LB = 1 µH;
-V
BB = 5 V; Tj = 100 ˚C
t
s
Turn-off storage time
1.2
1.5
µs
t
f
Turn-off fall time
140
300
ns
[INCLUDE]
1 Measured with half sine-wave voltage (curve tracer).
August 1997
2
Rev 1.000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com