Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC337 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BC337
Description  SWITCHING AND AMPLIFIER APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC337 Datasheet(HTML) 1 Page - Unisonic Technologies

  BC337 Datasheet HTML 1Page - Unisonic Technologies BC337 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC BC337/338
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-039,B
SWITCHING AND AMPLIFIER
APPLICATIONS
FEATURES
*Suitable for AF-Driver stages and low power output
stages
*Complement to BC327/328
TO-92
1
1: COLLECTOR 2: BASE 3: EMITTER
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Collector-emitter voltage
: BC337
: BC338
VCES
50
30
V
V
Collector-emitter voltage
: BC337
: BC338
VCEO
45
25
V
V
Emitter-base voltage
VEBO
5
V
Collector current (DC)
Ic
800
mA
Collector dissipation
Pc
625
mW
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-emitter breakdown voltage
: BC337
: BC338
BVCEO
Ic=10mA, IB=0
45
25
V
V
Collector-emitter breakdown voltage
: BC337
: BC338
BVCES
Ic=0.1mA, VBE=0
50
30
V
V
Emitter-base breakdown voltage
BVEBO
IE=0.1mA, Ic=0
5
V
Collector Cut-off Current
: BC337
: BC338
ICES
VCE=45V, IB=0
VCE=25V, IB=0
2
2
100
100
nA
nA
DC current gain
hFE1
hFE2
VCE=1V, Ic=100mA
VCE=1V, Ic=300mA
100
60
630
Collector-emitter saturation voltage
VCE(sat)
Ic=500mA, IB=50mA
0.7
V


Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
Amplifier Transistor
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
47Kb / 8P
NPN general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC337 SEMTECH-BC337 Datasheet
343Kb / 5P
NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
Siemens Semiconductor G...
BC337 SIEMENS-BC337 Datasheet
150Kb / 6P
NPN Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC337 FAIRCHILD-BC337 Datasheet
27Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
More results

Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
Switching and Amplifier Applications
logo
Unisonic Technologies
BC556 UTC-BC556_10 Datasheet
205Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
SWITCHING AND AMPLIFIER APPLICATIONS
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
Switching and Amplifier Applications
BC337.25 FAIRCHILD-BC337.25 Datasheet
33Kb / 3P
Switching and Amplifier Applications
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
Switching and Amplifier Applications
logo
New Jersey Semi-Conduct...
BC237 NJSEMI-BC237 Datasheet
115Kb / 2P
Switching and Amplifier Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com