Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC817-25-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BC817-25-AE3-R
Description  NPN GENERAL PURPOSE AMPLIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BC817-25-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  BC817-25-AE3-R Datasheet HTML 1Page - Unisonic Technologies BC817-25-AE3-R Datasheet HTML 2Page - Unisonic Technologies BC817-25-AE3-R Datasheet HTML 3Page - Unisonic Technologies BC817-25-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC817
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R206-025.B
TYPICAL CHARACTERISTICS
500
400
300
200
100
0
0.001
0.01
0.1
1 2
VCE = 5V
125℃
25℃
-40℃
Typical Pulsed Current Gain vs Collector Current
0.01
0.1
3
1
0
0.1
0.2
0.3
0.4
0.5
0.6
ß = 10
25℃
-40℃
125℃
Collector-Emitter Saturation Voltage vs Collector Current
Collector Current, IC (A)
Collector Current, IC (A)
ß = 10
-40℃
25℃
125℃
1
10
100
1000
0.2
0.4
0.6
0.8
1
1.2
Base-Emitter Saturation Voltage vs Collector Current
0.001
0.01
0.1
1
0.2
0.4
0.6
0.8
1
150℃
-40℃
25℃
VCC = 5V
Base-Emitter On Voltage vs Collector Current
Collector Current, IC (mA)
Collector Current, IC (A)
25
50
75
100
125
150
0.1
1
10
100
VCB = 40V
Collector-Cutoff Current vs Ambient Temperature
Ambient Temperature, TA (℃)
04
12
816
20
24
28
0
10
20
30
40
Collector-Base Capacitance vs Collector-Base Voltage
Collector-Base Voltage, VCB (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com