Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39000077 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39000077
Description  3 CKT OVERMOLD MINIFIT JR PIGTAIL 150MM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

39000077 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39000077 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FORMAT: master-tb-prod-A3
REVISION: J
DATE: 2020/01/14
DOCUMENT STATUS
P1
RELEASE DATE
2023/03/29
05:14:47
FUNCTIONAL
SYMBOLS
=
0
=
0
=
0
DIVISIONAL
SYMBOLS
3 CKT OVERMOLD MINIFIT JR PIGTAIL 150MM
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
2171590300
PSD 000
C
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
2171590300
GENERAL MARKET
1 OF 1
CURRENT REV DESC:
EC NO: 740245
DRWN: PRAVES6
2023/02/24
CHK'D:
SKUMAR07
2023/03/29
APPR: SKUMAR07
2023/03/29
INITIAL REVISION:
DRWN: AS20
2020/10/06
APPR: RDESAI01
2021/03/22
THIRD ANGLE PROJECTION
DRAWING
SERIES
A3-SIZE 217159
DIMENSION UNITS
SCALE
mm
NTS
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
A
B
D
3
150 ±5
41 ±2
FROM
TO
CABLE DESCRIPTION
COLOR
A1
--
3CX16AWG UNSHD BK UL2464
BLACK
A2
--
RED
A3
--
WHITE
ITEM
MOLEX P/N
DESCRIPTION
QTY
UOM
A
39014031
3CKT RECEPTACLE HOUSING
555703R2210
1
PC
B
39000077
MiniFit Term Crp Fem Chn Bs Tin 16awg
3
PC
C
--
RESIN BLEND STPRNE
A/R
KG
D
--
MOLD PART INNER CAP
2
PC
E
--
RESIN PP RTP 151 A NAT UL94V-0 HF
A/R
KG
�4.7�
1
17.5 ±2
12.1 ±2
REF
27
PLAIN CUT
FREE END
C
x 2
E
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
7
8
8
9
9
10
10
NOTES:
1. MOLDING MATERIAL:
1.1 INNERCAP: PA66 NYLON RESIN.
1.2 OVERMOLD: SANTOPRENE TPE RESIN.
1.3 INNERMOLD: PP NAT UL94V-0
2. ELECTRICAL PERFORMANCE:
2.1 VOLTAGE RATING: 300V AC.
2.2 THIS PRODUCT MUST PASS 100% CONTINUITY TEST PER MOLEX ES-36586-004.
1) DIELECTRONIC STRENGTH: 500V DC/0.01 SEC.
2) INSULATION RESISTANCE: 20M OHMS
3. CONNECTOR VIEWS ARE SHOWN FROM MATING SIDE.
4. MECHANICAL PERFORMANCE:
4.1 CABLE HARNESS SHOULD WITHSTAND AN AXIAL FORCE OF 5KGF FOR ONE MINUTE BETWEEN OVERMOLD
AND CONNECTOR WITHOUT PHYSICAL DAMAGE.
4.2 OVERMOLD SIDE CAN PASS THE BENDING TEST IN 100 CYCLES AT EACH OF 2 PLANES,
PER EIA364-41 CONDITION I.


Similar Part No. - 39000077

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39000077 MOLEX-39000077 Datasheet
111Kb / 1P
2 CKT OVERMOLDED MINIFIT JR CABLE 180MM
2023/03/29
39000077 MOLEX-39000077 Datasheet
111Kb / 1P
2 CKT OVERMOLDED MINIFIT JR CABLE 500MM
2023/03/29
39000077 MOLEX-39000077 Datasheet
121Kb / 1P
3 CKT OVERMOLDED MINIFIT JR CABLE 180MM
2023/03/29
39000077 MOLEX-39000077 Datasheet
122Kb / 1P
3 CKT OVERMOLDED MINIFIT JR CABLE 500MM
2023/03/29
39000077 MOLEX-39000077 Datasheet
133Kb / 1P
4 CKT OVERMOLDED MINIFIT JR CABLE 180MM
2023/03/29
More results

Similar Description - 39000077

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2153300305 MOLEX-2153300305 Datasheet
122Kb / 1P
3 CKT OVERMOLDED MINIFIT JR CABLE 500MM
2023/03/29
2171590200 MOLEX-2171590200 Datasheet
98Kb / 1P
2 CKT OVERMOLD MINIFIT JR PIGTAIL 150MM
2023/03/29
2171590205 MOLEX-2171590205 Datasheet
98Kb / 1P
2 CKT OVERMOLD MINIFIT JR PIGTAIL 500MM
2023/03/29
2171590305 MOLEX-2171590305 Datasheet
104Kb / 1P
3 CKT OVERMOLD MINIFIT JR PIGTAIL 500MM
2023/03/29
2171590400 MOLEX-2171590400 Datasheet
109Kb / 1P
4 CKT OVERMOLD MINIFIT JR PIGTAIL 150MM
2023/03/29
2171590405 MOLEX-2171590405 Datasheet
109Kb / 1P
4 CKT OVERMOLD MINIFIT JR PIGTAIL 500MM
2023/03/29
2171590500 MOLEX-2171590500 Datasheet
109Kb / 1P
5 CKT OVERMOLD MINIFIT JR PIGTAIL 150MM
2023/03/29
2171590505 MOLEX-2171590505 Datasheet
110Kb / 1P
5 CKT OVERMOLD MINIFIT JR PIGTAIL 500MM
2023/03/29
2171590600 MOLEX-2171590600 Datasheet
109Kb / 1P
6 CKT OVERMOLD MINIFIT JR PIGTAIL 150MM
2023/03/29
2171590605 MOLEX-2171590605 Datasheet
110Kb / 1P
6 CKT OVERMOLD MINIFIT JR PIGTAIL 500MM
2023/03/29
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com