Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD136 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BD136
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BD136 Datasheet(HTML) 2 Page - Unisonic Technologies

  BD136 Datasheet HTML 1Page - Unisonic Technologies BD136 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UTC BD136/138/140
PNP EPITAXIAL SILICON TRANSISTOR
UTC
UNISONIC TECHNOLOGIES CO. LTD
2
QW-R204-013,B
ELECTRICAL CHARACTERISTICS(Tc=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Emitter Sustaining Voltage
BD136
BD138
BD140
VCEO(sus)* IC =-30 mA, IB=0
-45
-60
-80
V
Collector Cut-off Current
ICBO
VCB =-30 V, IE=0
VCB =-30 V, IE=0, Tc = 125°C
-0.1
-10
µA
Emitter Cut- off Current
IEBO
VEB = -5 V, IC=0
-10
µA
hFE1
hFE2
DC Current Gain
hFE3
VCE=-2V, IC =-5 mA,
VCE=-2V, IC =-0.5A ,
VCE=-2V, IC =-150 mA,
25
25
40
250
Collector-Emitter Saturation Voltage
VCE(sat)*
IC =-0.5 A, IB = -0.05 A
-0.5
V
Base-Emitter Voltage
VBE*
IC =-0.5 A, VCE =-2 V
-1
V
* Pulsed: Pulse duration ≦ 300 µs, duty cycle 1.5 %
CLASSIFICATION OF hFE3
RANK
-6
-10
-16
RANGE
40~100
63~160
100~250
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com