Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT11APX Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUT11APX
Description  Silicon Diffused Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT11APX Datasheet(HTML) 5 Page - NXP Semiconductors

  BUT11APX Datasheet HTML 1Page - NXP Semiconductors BUT11APX Datasheet HTML 2Page - NXP Semiconductors BUT11APX Datasheet HTML 3Page - NXP Semiconductors BUT11APX Datasheet HTML 4Page - NXP Semiconductors BUT11APX Datasheet HTML 5Page - NXP Semiconductors BUT11APX Datasheet HTML 6Page - NXP Semiconductors BUT11APX Datasheet HTML 7Page - NXP Semiconductors BUT11APX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUT11APX
Fig.13. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
Fig.14. Reverse bias safe operating area. T
j ≤ Tj max
Fig.15. Test circuit RBSOA. V
cl ≤ 1000V; Vcc = 150V;
V
BB = -5V; LB = 1µH; Lc = 200µH
1u
100u
10m
1
100
t / s
Zth / (K/W)
10
1
0.1
0.01
0.001
D=0
0.5
0.2
0.1
0.05
0.02
10u
1m
100m
10
D =
tp
T
T
P
t
D
tp
BU1706AX
LB
IBon
-VBB
LC
T.U.T.
VCC
VCL
0
200
400
600
800
1,000
1,200
0
1
2
3
4
5
6
7
8
9
10
11
VCE CLAMP/V
IC/V
September 1998
5
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com