Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC124E-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTC124E-AE3-R
Description  NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC124E-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  DTC124E-AE3-R Datasheet HTML 1Page - Unisonic Technologies DTC124E-AE3-R Datasheet HTML 2Page - Unisonic Technologies DTC124E-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO.,
DTC124E
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1
Copyright © 2005 Unisonic Technologies Co.,
QW-R206-045,B
NPN DIGITAL TRANSISTOR
(BUILT-IN RESISTORS)
FEATURES
*Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input
resistors (see the equivalent circuit).
*The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the input
They also have the advantage of almost completely
eliminating parasitic effects.
*Only the on / off conditions need to be set for operation,
making device design easy.
EQUIVALENT CIRCUIT
IN
OUT
OUT
IN
GND
R1
R2
GND
MARKING
SOT-23
1
2
3
*Pb-free plating product number:DTC124EL
PIN CONFIGURATION
PIN NO.
PIN NAME
1
GND
2
IN
3
OUT
ORDERING INFORMATION
Order Number
Normal
Lead free
Package
Packing
DTC124E-AE3-R DTC124EL-AE3-R
SOT-23
Tape Reel
CC4


Similar Part No. - DTC124E-AE3-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC124E ONSEMI-DTC124E Datasheet
151Kb / 12P
NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTC124E ROHM-DTC124E Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
DTC124E ROHM-DTC124E Datasheet
878Kb / 3P
DTA/DTC SERIES
logo
Unisonic Technologies
DTC124E UTC-DTC124E Datasheet
177Kb / 3P
NPN DIGITAL TRANSISTOR
logo
Rohm
DTC124E ROHM-DTC124E Datasheet
1Mb / 12P
NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC124E-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC143Z UTC-DTC143Z Datasheet
93Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114E UTC-DTC114E Datasheet
114Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114Y UTC-DTC114Y Datasheet
113Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC115E UTC-DTC115E Datasheet
178Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC123J UTC-DTC123J Datasheet
113Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC123Y UTC-DTC123Y Datasheet
104Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143E UTC-DTC143E Datasheet
152Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143X UTC-DTC143X Datasheet
114Kb / 2P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143X UTC-DTC143X_11 Datasheet
111Kb / 2P
NPN DIGITAL TRANSISTOR BUILT-IN RESISTORS)
DTC143Z UTC-DTC143Z_11 Datasheet
150Kb / 3P
NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com