Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUT11AX Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BUT11AX
Description  Silicon Diffused Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUT11AX Datasheet(HTML) 4 Page - NXP Semiconductors

  BUT11AX Datasheet HTML 1Page - NXP Semiconductors BUT11AX Datasheet HTML 2Page - NXP Semiconductors BUT11AX Datasheet HTML 3Page - NXP Semiconductors BUT11AX Datasheet HTML 4Page - NXP Semiconductors BUT11AX Datasheet HTML 5Page - NXP Semiconductors BUT11AX Datasheet HTML 6Page - NXP Semiconductors BUT11AX Datasheet HTML 7Page - NXP Semiconductors BUT11AX Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUT11AX
Fig.7. Normalised power derating and second
breakdown curves.
Fig.8. Reverse bias safe operating area. T
j ≤ Tj max
Fig.9. Typical DC current gain.
h
FE = f(IC); parameter VCE
Fig.10. Forward bias safe operating area. T
hs ≤ 25 ˚C
(1)
P
tot max and Ptot peak max lines.
(2)
Second breakdown limits.
I
Region of permissible DC operation.
II
Extension for repetitive pulse operation.
III
Extension during turn-on in single
transistor converters provided that
R
BE ≤ 100 Ω and tp ≤ 0.6 µs.
NB:
Mounted with heatsink compound and
30
± 5 newton force on the centre of the
envelope.
0
20
40
60
80
100
120
140
Ths / C
%
Normalised Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
P tot
1
10
100
1000
100
10
1
0.1
0.01
tp =
10 us
100 us
1 ms
10 ms
DC
IC / A
V
/ V
ICM max
IC max
II
I
= 0.01
III
500 ms
(1)
(2)
CE
6
5
4
3
2
1
0
0
400
800
1200
IC / A
BUT11AX
VCE / V
0.01
0.1
1
10
100
IC / A
h
BUT11AX
100
10
1
FE
1V
5V
November 1995
4
Rev 1.100



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com