Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL53 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # SL53
Description  SL53 SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

SL53 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  SL53 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD SL53 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD SL53 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD SL53 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N1774, Rev. A
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
SL53
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +125
C
Storage Temperature
Tstg
-
-55 to +150
C
Typical Thermal Resistance Junction to
Lead
RJL
DC operation
20
C/W
Typical Thermal Resistance, Junction to
Ambient
RJA
-
60
C/W
Approximate Weight
wt
-
0.21
g
For information on tape and reel specifications, including part
orientation and tape sizes, please refer to our tape and reel
packaging specification.
Thermal-Mechanical Specifications:
Mechanical Dimensions SMC
SYMBOL
Millimeters
Inches
Min.
Max.
Min.
Max.
A
5.59
6.22
0.220
0.245
B
6.60
7.11
0.260
0.280
C
2.75
3.25
0.108
0.128
D
0.152
0.305
0.006
0.012
E
7.75
8.25
0.305
0.325
F
2.00
2.95
0.079
0.116
G
0.051
0.203
0.002
0.008
H
0.76
1.60
0.030
0.063
Ordering Information
Marking Diagram
Device
Package
Shipping
SL53
SMC (Pb-Free)
3000pcs / reel
SL53TR
SMC (Pb-Free)
3000pcs / reel
Where XXXXX is YYWWL
SL
= Device Type
5
= Forward Current (5A)
3
= Reverse Voltage (30V)
YY
= Year
WW
= Week
L
= Lot Number
Cautions:Molding resin
Epoxy resin UL:94V-0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com